Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFA16N50P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFA16N50P
Description  PolarHV HiperFET Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFA16N50P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFA16N50P Datasheet HTML 1Page - IXYS Corporation IXFA16N50P Datasheet HTML 2Page - IXYS Corporation IXFA16N50P Datasheet HTML 3Page - IXYS Corporation IXFA16N50P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFA16N50P
IXFP16N50P
IXFH16N50P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS= 20V, ID = 0.5 • ID25, Note 1
9
16
S
C
iss
2480
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
237
pF
C
rss
18
pF
t
d(on)
23
ns
t
r
25
ns
t
d(off)
70
ns
t
f
22
ns
Q
g(on)
43
nC
Q
gs
V
GS= 10V, VDS = 0.5 • VDSS , ID = 0.5 • ID25
15
nC
Q
gd
12
nC
R
thJC
0.42
°C/W
R
thCH
(TO-220)
0.50
°C/W
(TO-247)
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
16
A
I
SM
Repetitive, Pulse Width Limited by T
JM
64
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
200
ns
I
RM
6.0
A
Q
RM
0.6
nC
Note 1: Pulse test, t ≤ 300μs; Duty Cycle, d ≤ 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 10Ω (External)
I
F = 16A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V
Pins: 1 - Gate
2 - Drain
TO-220 (IXFP) Outline
TO-263 (IXFA) Outline
∅ P
TO-247 (IXFH) Outline
1
2
3
Terminals: 1 - Gate 2 - Drain
3 - Source
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205
0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232
0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC


Similar Part No. - IXFA16N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA16N50P IXYS-IXFA16N50P Datasheet
331Kb / 6P
   Power MOSFET
logo
Inchange Semiconductor ...
IXFA16N50P ISC-IXFA16N50P Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFA16N50P3 IXYS-IXFA16N50P3 Datasheet
283Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
logo
Inchange Semiconductor ...
IXFA16N50P3 ISC-IXFA16N50P3 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFA16N50P IXYS-IXFA16N50P_V01 Datasheet
331Kb / 6P
   Power MOSFET
More results

Similar Description - IXFA16N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN32N80P IXYS-IXFN32N80P Datasheet
98Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFN44N80P IXYS-IXFN44N80P Datasheet
85Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
   PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com