Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3213TMX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN3213TMX
Description  Dual-4A, High-Speed, Low-Side Gate Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3213TMX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN3213TMX Datasheet HTML 2Page - Fairchild Semiconductor FAN3213TMX Datasheet HTML 3Page - Fairchild Semiconductor FAN3213TMX Datasheet HTML 4Page - Fairchild Semiconductor FAN3213TMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3213TMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3213TMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3213TMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3213TMX Datasheet HTML 9Page - Fairchild Semiconductor FAN3213TMX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3213 / FAN3214 • Rev. 1.0.2
6
Electrical Characteristics
Unless otherwise noted, VDD=12V, TJ=-40°C to +125°C. Currents are defined as positive into the device and negative
out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply
VDD
Operating Range
4.5
18.0
V
IDD
Supply Current, Inputs Not Connected
0.70
0.95
mA
VON
Turn-On Voltage
INA = VDD, INB = 0V
3.5
3.9
4.3
V
VOFF
Turn-Off Voltage
INA = VDD, INB = 0V
3.3
3.7
4.1
V
Inputs
VIL_T
INx Logic Low Threshold
0.8
1.2
V
VIH_T
INx Logic High Threshold
1.6
2.0
V
IIN+
Non-Inverting Input
IN from 0 to VDD
-1.5
175.0
µA
IIN-
Inverting Input
IN from 0 to VDD
-175.0
1.5
µA
VHYS_T
TTL Logic Hysteresis Voltage
0.2
0.4
0.8
V
Output
ISINK
OUT Current, Mid-Voltage, Sinking
(8)
OUTx at VDD/2,
CLOAD=0.22µF, f=1kHz
4.3
A
ISOURCE
OUT Current, Mid-Voltage, Sourcing
(8)
OUTx at VDD/2,
CLOAD=0.22µF, f=1kHz
-2.8
A
IPK_SINK
OUT Current, Peak, Sinking
(8)
CLOAD=0.22µF, f=1kHz
5
A
IPK_SOURCE OUT Current, Peak, Sourcing
(8)
CLOAD=0.22µF, f=1kHz
-5
A
tRISE
Output Rise Time
(9)
CLOAD=2200pF
12
20
ns
tFALL
Output Fall Time
(9)
CLOAD=2200pF
9
17
ns
tD1, tD2
Output Propagation Delay, TTL Inputs
(9)
0 - 5VIN, 1V/ns Slew Rate
9
17
29
ns
Propagation Matching Between Channels
INA=INB, OUTA and OUTB
at 50% Point
2
4
ns
IRVS
Output Reverse Current Withstand
(8)
500
mA
Notes:
8.
Not tested in production.
9.
See Timing Diagrams of Figure 6 and Figure 7.
Figure 6. Non-Inverting Timing Diagram
Figure 7. Inverting Timing Diagram


Similar Part No. - FAN3213TMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3213TMX ONSEMI-FAN3213TMX Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
More results

Similar Description - FAN3213TMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com