Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3111C Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN3111C
Description  Single 1A High-Speed, Low-Side Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3111C Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN3111C Datasheet HTML 6Page - Fairchild Semiconductor FAN3111C Datasheet HTML 7Page - Fairchild Semiconductor FAN3111C Datasheet HTML 8Page - Fairchild Semiconductor FAN3111C Datasheet HTML 9Page - Fairchild Semiconductor FAN3111C Datasheet HTML 10Page - Fairchild Semiconductor FAN3111C Datasheet HTML 11Page - Fairchild Semiconductor FAN3111C Datasheet HTML 12Page - Fairchild Semiconductor FAN3111C Datasheet HTML 13Page - Fairchild Semiconductor FAN3111C Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3111 • Rev. 1.0.2
10
Typical Performance Characteristics
Typical characteristics are provided at 25°C, VDD = 12V, and VXREF = 3.3V unless otherwise noted.
10
12
14
16
18
20
22
-50
-25
0
25
50
75
100
125
Tem perature (°C)
IN Rise to OUT Fall
IN Fall to OUT Rise
FAN3111C Inverting Input
0
20
40
60
80
100
120
0
5
10
15
20
Supply Voltage (V)
CL =4.7nF
CL =2.2nF
CL =1.0nF
CL =470pF
Figure 25.
Propagation Delays vs. Temperature
Figure 26.
Fall Time vs. Supply Voltage
0
20
40
60
80
100
120
140
0
5
10
15
20
Supply Voltage (V)
CL =4.7nF
CL =2.2nF
CL =1.0nF
CL =470pF
7
8
9
10
11
12
-50
-25
0
25
50
75
100
125
Tem perature (°C)
Rise Tim e
Fall Tim e
C
L =470pF
Figure 27.
Rise Time vs. Supply Voltage
Figure 28.
Rise and Fall Time vs. Temperature
Figure 29.
Rise and Fall Waveforms (470pF)
Figure 30.
Quasi-Static Source Current (VDD=12V)


Similar Part No. - FAN3111C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3111C FAIRCHILD-FAN3111C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3111C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com