Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2564UC18X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN2564UC18X
Description  300mA Low VIN LDO for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2564UC18X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN2564UC18X Datasheet HTML 1Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 2Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 3Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 4Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 5Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 6Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 7Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 8Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2564 • Rev. 1.0.2
5
Electrical Characteristics
VIN
(3)=V
OUT + 0.5V or 1.8V (whichever is higher). TA=-40°C to +85°C, test circuit is Figure 1, typical values are at
TA=25°C, ILOAD=1 mA, VEN=VIN, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
VIN
Input Voltage Range
1.65
3.60
V
IGND
Ground Current
ILOAD=0mA
45
75
A
ILOAD=300mA
140
200
A
ISD
Shutdown Supply Current
VIN=3.6V, EN=GND
0.01
1.00
A
V(EN)
Enable High-level Input Voltage
0.95
V
Enable Low-level Input Voltage
0.4
I(EN)
Enable Input Leakage Current
EN=GND
0
EN=VIN=3.6V
2.5
4.0
A
Regulation
IOUT
Minimum Output Current
0
mA
IOUT
Maximum Output Current
300
mA
VDO
Dropout Voltage
(4)
ILOAD=300mA
100
160
mV
∆VOUT
Output Voltage Accuracy
1.8V, 2.5V
Over Full VIN,
IOUT, at Room
Temperature
-1.0
1.0
%
1.2V, 1.3V, 1.5V
-1.5
1.5
1.2V, 1.3V, 1.5V,
1.8V, 2.5V
Over Full VIN,
IOUT, Tempera-
ture Range
-2.5
2.5
∆VOUTline Line Regulation
VIN=VOUT(NOM) + 0.5V to 3.6V,
IOUT=1mA
0.03
0.50
%/V
∆VOUTload Load Regulation
IOUT=1mA to 300mA
10
60
µV/mA
ISCP
Short-circuit Current Limit
500
900
mA
ISU
Start-up Peak Current
EN Transition, LOW to HIGH
500
900
mA
tON
Turn-on Time
(5)
EN Transition, LOW to HIGH
100
µs
Startup Overshoot
(5)
IOUT=1mA
0
%
TSD
Thermal Shutdown
Rising Temperature
+160
°C
Hysteresis
+30
°C
PSRR
Power Supply Rejection Ratio
(5)
f=1kHz
60
dB
en
Output Noise Voltage
(5)
10Hz to 100kHz
100
µVRMS
Timing Characteristics
Peak
∆VOUTline
Line Transient Response
(5)
600mV, tRISE=tFALL=30µs
±6
mV
Peak
∆VOUTload
Load Transient Response
(5)
1mA-300mA-1mA, tRISE=tFALL=1µs
±50
mV
Note
:
3.
VIN voltage tolerance +/- 5%.
4.
Dropout voltage is the minimum input to output differential voltage needed to maintain VOUT to within 5% of no-
minal value. This parameter is only specified for output voltages greater than or equal to 1.8V.
5.
This electrical specification is guaranteed by design.


Similar Part No. - FAN2564UC18X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2564UC18X FAIRCHILD-FAN2564UC18X Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
More results

Similar Description - FAN2564UC18X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com