Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXER35N120D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXER35N120D1
Description  NPT3 IGBT with Diode in ISOPLUS247
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXER35N120D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXER35N120D1_06 Datasheet HTML 1Page - IXYS Corporation IXER35N120D1_06 Datasheet HTML 2Page - IXYS Corporation IXER35N120D1_06 Datasheet HTML 3Page - IXYS Corporation IXER35N120D1_06 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 - 4
© 2006 IXYS All rights reserved
IXER 35N120D1
Component
Symbol
Conditions
Maximum Ratings
T
VJ
-55...+150
°C
T
stg
-55...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz
2500
V~
F
C
mounting force with clip
20...120
N
Symbol
Conditions
Characteristic Values
min.
typ.
max.
C
p
coupling capacity between shorted
30
pF
pins and mounting tab in the case
Weight
6g
Diode
Symbol
Conditions
Maximum Ratings
I
F25
T
C =
25°C
48
A
I
F90
T
C =
90°C
25
A
Symbol
Conditions
Characteristic Values
min.
typ.
max.
V
F
I
F = 35 A;
T
VJ =
25°C
2.5
2.9
V
T
VJ = 125°C
1.9
V
I
RM
51
A
t
rr
80
ns
E
rec(off)
1.8
mJ
R
thJC
1.2 K/W
R
thCH
with heatsink compound
0.6
K/W
I
F = 30 A; diF/dt = -1100 A/µs; TVJ = 125°C
V
R = 600 V; VGE = 0 V
Equivalent Circuits for Simulation
Conduction
IGBT (typ. at V
GE = 15 V; TJ = 125°C)
V
0 = 0.95 V; R0 = 45 m
Ω
Diode (typ. at T
J = 125°C)
V
0 = 1.26V; R0 = 15 m
Ω
Thermal Response
IGBT
C
th1 = 0.067 J/K; Rth1 = 0.108 K/W
C
th2 = 0.175 J/K; Rth2 = 0.491 K/W
Diode
C
th1 = 0.039 J/K; Rth1 = 0.311 K/W
C
th2 = 0.090 J/K; Rth2 = 0.889 K/W
ISOPLUS247TM OUTLINE
The convex bow of substrate is typ. < 0.04 mm over plastic surface level
of device bottom side
This drawing will meet all dimensions requirement of JEDEC outline
TO-247 AD except screw hole and except Lmax.


Similar Part No. - IXER35N120D1_06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXER35N120D1 IXYS-IXER35N120D1 Datasheet
52Kb / 2P
   NPT3 IGBT with Diode
More results

Similar Description - IXER35N120D1_06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXER20N120 IXYS-IXER20N120 Datasheet
364Kb / 4P
   NPT3 IGBT in ISOPLUS247
IXER35N120D1 IXYS-IXER35N120D1 Datasheet
52Kb / 2P
   NPT3 IGBT with Diode
IXSR40N60CD1 IXYS-IXSR40N60CD1 Datasheet
39Kb / 2P
   IGBT with Diode ISOPLUS247
IXGR32N60CD1 IXYS-IXGR32N60CD1 Datasheet
572Kb / 5P
   HiPerFAST IGBT with Diode ISOPLUS247
IXER60N120 IXYS-IXER60N120_06 Datasheet
268Kb / 4P
   NPT3 IGBT in ISOPLUS 247
IXER60N120 IXYS-IXER60N120 Datasheet
54Kb / 2P
   NPT3 IGBT
FII30-12E IXYS-FII30-12E Datasheet
72Kb / 4P
   NPT3 IGBT
IXEN60N120 IXYS-IXEN60N120_07 Datasheet
97Kb / 4P
   NPT3 IGBT in miniBLOC package
IXEH40N120 IXYS-IXEH40N120 Datasheet
81Kb / 4P
   NPT3 IGBT
IXEH25N120 IXYS-IXEH25N120 Datasheet
182Kb / 4P
   NPT3 IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com