Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2511 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN2511
Description  100 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2511 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2511 Datasheet HTML 2Page - Fairchild Semiconductor FAN2511 Datasheet HTML 3Page - Fairchild Semiconductor FAN2511 Datasheet HTML 4Page - Fairchild Semiconductor FAN2511 Datasheet HTML 5Page - Fairchild Semiconductor FAN2511 Datasheet HTML 6Page - Fairchild Semiconductor FAN2511 Datasheet HTML 7Page - Fairchild Semiconductor FAN2511 Datasheet HTML 8Page - Fairchild Semiconductor FAN2511 Datasheet HTML 9Page - Fairchild Semiconductor FAN2511 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRODUCT SPECIFICATION
FAN2510/FAN2511
8
REV. 1.0.7 12/17/10
Typical Performance Characteristics (continued)
Functional Characteristics
Output Current (mA)
Dropout Voltage
40.00
20.00
0.00
60.00
80.00
100.00
0.1
20
40
60
80
100
Input Voltage (V)
Dropout Characteristics
1.0
0.5
0.0
1.5
2.0
2.5
3.0
3.5
0.0
1.0
2.0
3.0
4.0
5.0
V
OUT = 3V
R
OUT = 20Ω
R
OUT = 30KΩ
Temperature (
°C)
-40
0
40
80
125
2
0
4
6
8
I
L = 100µA
Dropout Voltage
Temperature (
°C)
-40
0
40
80
125
25
0
50
75
100
125
Dropout Voltage
Temperature (
°C)
-40
0
40
80
125
Output Voltage
vs. Temperature
2.9
2.85
2.95
3
3.05
V
IN = 4V
Typical 3V device
I
L = 100µA
Temperature (
°C)
Ground Pin Current
25
0
50
75
-40
0
40
80
125
V
IN = 4V
V
OUT = 3V
I
L = 100mA
Temperature (
°C)
Ground Pin Current
25
0
50
75
-40
0
40
80
125
V
IN = 4V
V
OUT = 3V
I
L = 100µA
I
L = 100mA
Time (20
µs/div)
Shutdown Delay
Disable
V
OUT
Time (20
µs/div)
Enable Pin Delay
Enable
V
OUT


Similar Part No. - FAN2511

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2511 FAIRCHILD-FAN2511 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2511S25X FAIRCHILD-FAN2511S25X Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2511S26X FAIRCHILD-FAN2511S26X Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2511S27X FAIRCHILD-FAN2511S27X Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2511S285X FAIRCHILD-FAN2511S285X Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
More results

Similar Description - FAN2511

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com