Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNK1111C Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNK1111C
Description  Surface Mount IRED/1608 ( t = 0.7 mm) Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNK1111C Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  DNK1111C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2010.03.30
Page 1
GaAlAs(DNK)
GaAs(TAN,AN)
DNK
TAN
AN
ESD-withstand voltage
2kV (HBM)
□□1111C
: 865nm
: 940nm
: 950nm
DNK
TAN
AN
: θx = 145 deg., θy =145 deg.
: θx = 145 deg.,θy = 145 deg.
: θx = 125 deg.,θy = 150 deg.
Package
Product features
・Outer Dimension 1.6 x 0.8 x 0.7mm ( L x W x H )
・Small Size
・Total Output Power
DNK : 6.5mW TYP. (I
F=20mA)
TAN : 4.3mW TYP. (I
F=20mA)
AN
: 2.0mW TYP. (I
F=20mA)
・Lead–free soldering compatible
・RoHS compliant
Peak Wavelength
Half Intensity Angle
Die materials
Rank grouping parameter
Assembly method
Soldering methods
Reflow soldering
※Please refer to Soldering Conditions about soldering.
Auto pick & place machine (Auto Mounter)
Sorted by radiant intensity per rank taping
4,000pcs per reel in a 8mm width tape. (Standard)
Reel diameter:φ180mm
Taping and reel
Recommended Applications
Car Audio, Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications
Features
Surface Mount IRED/1608 ( t = 0.7 mm) Type
1608 ( h = 0.7 mm) type, Water clear epoxy


Similar Part No. - DNK1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C Datasheet
505Kb / 14P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
More results

Similar Description - DNK1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
1141C STANLEY-1141C Datasheet
288Kb / 15P
   1608 (h=0.7 mm) Type White LED
logo
ALPS ELECTRIC CO.,LTD.
SSAD ALPS-SSAD Datasheet
304Kb / 4P
   0.7(H)mm, 1.5mm-travel Surface Mount Type
logo
STANLEY ELECTRIC CO.,LT...
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
TAN1102F STANLEY-TAN1102F Datasheet
209Kb / 14P
   Surface Mount IRED/Right Angle Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
   Surface Mount IRED/Dome Lens Type
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
   Surface Mount IRED/Inner Lens Type
DNK1102W STANLEY-DNK1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
   Surface Mount IRED/Inner Lens Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com