Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2501S25X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN2501S25X
Description  100 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2501S25X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2501S25X Datasheet HTML 2Page - Fairchild Semiconductor FAN2501S25X Datasheet HTML 3Page - Fairchild Semiconductor FAN2501S25X Datasheet HTML 4Page - Fairchild Semiconductor FAN2501S25X Datasheet HTML 5Page - Fairchild Semiconductor FAN2501S25X Datasheet HTML 6Page - Fairchild Semiconductor FAN2501S25X Datasheet HTML 7Page - Fairchild Semiconductor FAN2501S25X Datasheet HTML 8Page - Fairchild Semiconductor FAN2501S25X Datasheet HTML 9Page - Fairchild Semiconductor FAN2501S25X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRODUCT SPECIFICATION
FAN2500/FAN2501
8
REV. 1.0.
/14/
Typical Performance Characteristics
(continued)
Functional Characteristics
Temperature (°C)
Ground Pin Current
25
0
50
75
-40
0
40
80
125
VIN = 4V
VOUT = 3V
IL = 100mA
Temperature (°C)
Ground Pin Current
25
0
50
75
-40
0
40
80
125
VIN = 4V
VOUT = 3V
IL = 100µA
Temperature (°C)
-40
0
40
80
125
2
0
4
6
8
IL = 100µA
Input Voltage (V)
Dropout Characteristics
Dropout Voltage
1.0
0.5
0.0
1.5
2.0
2.5
3.0
3.5
0.0
1.0
2.0
3.0
4.0
5.0
VOUT = 3V
ROUT = 20Ω
ROUT = 30KΩ
Temperature (°C)
-40
0
40
80
125
Output Voltage
vs. Temperature
2.9
2.85
2.95
3
3.05
VIN = 4V
Typical 3V device
IL = 100µA
Output Current (mA)
Dropout Voltage
40.00
20.00
0.00
60.00
80.00
100.00
0.1
20
40
60
80
100
Temperature (°C)
-40
0
40
80
125
25
0
50
75
100
125
Dropout Voltage
IL = 100mA
Time (20µs/div)
Shutdown Delay
Disable
VOUT
Time (20µs/div)
Enable Pin Delay
Enable
VOUT


Similar Part No. - FAN2501S25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2501S25X FAIRCHILD-FAN2501S25X Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results

Similar Description - FAN2501S25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com