Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN400ANY Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN400ANY
Description  Low-Power Green-Mode PWM Flyback Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN400ANY Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN400ANY Datasheet HTML 1Page - Fairchild Semiconductor FAN400ANY Datasheet HTML 2Page - Fairchild Semiconductor FAN400ANY Datasheet HTML 3Page - Fairchild Semiconductor FAN400ANY Datasheet HTML 4Page - Fairchild Semiconductor FAN400ANY Datasheet HTML 5Page - Fairchild Semiconductor FAN400ANY Datasheet HTML 6Page - Fairchild Semiconductor FAN400ANY Datasheet HTML 7Page - Fairchild Semiconductor FAN400ANY Datasheet HTML 8Page - Fairchild Semiconductor FAN400ANY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN400A Rev. 1.0.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VVDD
DC Supply Voltage
(1, 2)
30
V
VFB
Input Voltage to FB Pin
-0.3
7.0
V
VSENSE
Input Voltage to Sense Pin
-0.3
7.0
V
TJ
Operating Junction Temperature
+150
°C
SSOT
263.3
°C/W
ΘJA
Thermal Resistance (Junction-to-Air)
DIP
135.7
°C/W
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
°C
Human Body Model
JESD22-A114
4
kV
ESD
Electrostatic Discharge Capability
Machine Model
JESD22-A115
200
V
Notes:
1.
All voltage values, except differential voltages, are given with respect to GND pin.
2.
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device.


Similar Part No. - FAN400ANY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Similar Description - FAN400ANY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
logo
List of Unclassifed Man...
SG6849 ETC2-SG6849 Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
logo
Fairchild Semiconductor
SG684965TZ FAIRCHILD-SG684965TZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400C FAIRCHILD-FAN400C Datasheet
544Kb / 14P
   Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
logo
Unisonic Technologies
UB3846 UTC-UB3846 Datasheet
334Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3863 UTC-UC3863 Datasheet
366Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com