Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN100 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN100
Description  Primary-Side-Control PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN100 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN100_09 Datasheet HTML 1Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 2Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 3Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 4Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 5Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 6Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 7Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 8Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN100 Rev. 1.0.2
5
Electrical Characteristics
VDD=15V and TA=-40°C~+125°C (TA=TJ), unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD Section
VOP
Continuously Operating Voltage
25
V
VDD-ON
Turn-On Threshold Voltage
15
16
17
V
VDD-OFF
Turn-Off Threshold Voltage
4.5
5.0
5.5
V
IDD-OP
Operating Current
VDD=20V, fS=fOSC, VVS=2V,
VCS=3V, CL=1nF
3.5
5.0
mA
IDD-ST
Startup Current
0< VDD < VDD-ON-0.16V
3.7
10.0
μA
IDD-GREEN
Green Mode Operating Supply
Current
VDD=20V, VVS=2.7V,
fS=fOSC-N-MIN, VCS=0V,
CL=1nF, VCOMV=0V
1.0
2.5
mA
VDD-OVP
VDD Over-Voltage Protection Level
VCS=3V, VVS=2.3V
27
28
29
V
tD-VDDOVP
VDD Over-Voltage Protection
Debounce Time
fS=fOSC, VVS=2.3V
100
250
400
μs
Oscillator Section
Center
Frequency
TA=25°C
39.0
42.0
45.0
fOSC
Frequency
Frequency
Hopping Range
TA=25°C
±1.8
±2.6
±3.6
KHz
tFHR
Frequency Hopping Period
TA=25°C
3
ms
fOSC-N-MIN
Minimum Frequency at No Load
VVS=2.7V, VCOMV=0V
550
Hz
fOSC-CM-MIN Minimum Frequency at CCM
VVS=2.3V, VCS=0.5V
20
KHz
fDV
Frequency Variation vs. VDD
Deviation
TA=25°C, VDD=10V to 25V
5
%
fDT
Frequency Variation vs. Temperature
Deviation
TA=-40°C to 125°C
20
%
Voltage-Sense Section
IVS-UVP
Sink Current for Brownout Protection RVS=20KΩ
180
μA
Itc
IC Compensation Bias Current
9.5
μA
VBIAS-COMV
Adaptive Bias Voltage Dominated by
VCOMV
VCOMV=0V, TA=25°C,
RVS=20KΩ
1.4
V
Current-Sense Section
tPD
Propagation Delay to GATE Output
100
200
ns
tMIN-N
Minimum On Time at No Load
VVS=-0.8V, RS=2KΩ,
VCOMV=1V
1100
ns
tMINCC
Minimum On Time in CC Mode
VVS=0V, VCOMV=2V
300
ns
VTH
Threshold Voltage for Current Limit
1.3
V
Continued on following page…


Similar Part No. - FAN100_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
More results

Similar Description - FAN100_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com