Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1015-BD Datasheet(PDF) 7 Page - Mimix Broadband

Part # XP1015-BD
Description  43.5-46.5 GHz GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1015-BD Datasheet(HTML) 7 Page - Mimix Broadband

  XP1015-BD Datasheet HTML 1Page - Mimix Broadband XP1015-BD Datasheet HTML 2Page - Mimix Broadband XP1015-BD Datasheet HTML 3Page - Mimix Broadband XP1015-BD Datasheet HTML 4Page - Mimix Broadband XP1015-BD Datasheet HTML 5Page - Mimix Broadband XP1015-BD Datasheet HTML 6Page - Mimix Broadband XP1015-BD Datasheet HTML 7Page - Mimix Broadband XP1015-BD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MTTF Graphs
43.5-46.5 GHz GaAs MMIC
Power Amplifier
Page 7 of 8
P1015-BD
These numbers were calculated based upon accelerated life test information received from the fabricating foundry and extensive
thermal modeling/finite element analysis done at Mimix Broadband.The values shown here are only to be used as a guideline
against the end application requirements and only represent reliability information under one bias condition. Ultimately bias
conditions and resulting power dissipation along with the practical aspects, i.e. thermal material stack-up, attach method of device
placement are the key parts in determining overall reliability for a specific application, see previous pages. If the data shown below
does not meet your reliability requirements or if the bias conditions are not within your operating limits please contact technical
sales for additional information.
XP1015-BD Vd=5.0 V, Id1=720 mA
Id2=720 mA, Id3=1440 mA
1.0E+05
1.0E+06
1.0E+07
1.0E+03
1.0E+04
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XP1015-BD Vd=5.0 V, Id1=720 mA
Id2=720 mA, Id3=1440 mA
1.00E+04
1.00E+05
1.00E+06
1.00E+02
1.00E+03
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XP1015-BD Vd=5.0 V, Id1=720 mA
Id2=720 mA Id3=1440 mA
7 4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
7.0
7.2
7.4
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XP1015-BD Vd=5.0 V, Id1=720 mA
Id2=720 mA Id3=1440 mA
180
190
200
210
220
230
240
250
260
150
160
170
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 22-Jan-10


Similar Part No. - XP1015-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1015-BD MIMIX-XP1015-BD Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD-000V MIMIX-XP1015-BD-000V Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD-EV1 MIMIX-XP1015-BD-EV1 Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1015-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1016-BD MIMIX-XP1016-BD_10 Datasheet
998Kb / 8P
   43.5-46.5 GHz GaAs MMIC
XP1016-BD MIMIX-XP1016-BD Datasheet
297Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015 MIMIX-XP1015 Datasheet
1Mb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1028-BD MIMIX-XP1028-BD Datasheet
345Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
44MPA0478 MIMIX-44MPA0478 Datasheet
436Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016 MIMIX-XP1016 Datasheet
673Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD MIMIX-XP1015-BD Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
   GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
Hittite Microwave Corpo...
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
logo
Mimix Broadband
CMM0016-BD MIMIX-CMM0016-BD_09 Datasheet
277Kb / 9P
   2.0-22.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com