Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRN-0197 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # TRN-0197
Description  Dual BCM PFC Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TRN-0197 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  TRN-0197 Datasheet HTML 1Page - Fairchild Semiconductor TRN-0197 Datasheet HTML 2Page - Fairchild Semiconductor TRN-0197 Datasheet HTML 3Page - Fairchild Semiconductor TRN-0197 Datasheet HTML 4Page - Fairchild Semiconductor TRN-0197 Datasheet HTML 5Page - Fairchild Semiconductor TRN-0197 Datasheet HTML 6Page - Fairchild Semiconductor TRN-0197 Datasheet HTML 7Page - Fairchild Semiconductor TRN-0197 Datasheet HTML 8Page - Fairchild Semiconductor TRN-0197 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.fairchildsemi.com
© 2010 Fairchild Semiconductor Corporation
1
FEB388_FAN9611/12 • Rev. 0.0.2
FEB388_002
FAN9611/FAN9612 400W Interleaved
Dual BCM PFC Controller
Evaluation Board User Guide
Featured Fairchild Product: FAN9611, FAN9612
Please contact a local Fairchild Sales representative
for an evaluation board.


Similar Part No. - TRN-0197

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TRN1 TRACOPOWER-TRN1 Datasheet
801Kb / 4P
   DC/DC Converter TRN 1 Series, 1 Watt
Rev. November 30, 2022
TRN1-0510 TRACOPOWER-TRN1-0510 Datasheet
801Kb / 4P
   DC/DC Converter TRN 1 Series, 1 Watt
Rev. November 30, 2022
TRN1-0510SM TRACOPOWER-TRN1-0510SM Datasheet
920Kb / 4P
   DC/DC Converter TRN 1SM Series, 1 Watt
Rev. November 30, 2022
TRN1-0511 TRACOPOWER-TRN1-0511 Datasheet
801Kb / 4P
   DC/DC Converter TRN 1 Series, 1 Watt
Rev. November 30, 2022
TRN1-0511SM TRACOPOWER-TRN1-0511SM Datasheet
920Kb / 4P
   DC/DC Converter TRN 1SM Series, 1 Watt
Rev. November 30, 2022
More results

Similar Description - TRN-0197

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
logo
NXP Semiconductors
TEA19162T NXP-TEA19162T Datasheet
283Kb / 30P
   PFC controller
Rev. 1-10 March 2016
TEA19162T NXP-TEA19162T_V01 Datasheet
343Kb / 30P
   PFC controller
Rev. 3-7 May 2018
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_15 Datasheet
219Kb / 21P
   PFC Controller
May, 2015 ??Rev. 10
logo
NXP Semiconductors
TEA19162CT NXP-TEA19162CT Datasheet
340Kb / 29P
   PFC controller
Rev. 2-26 February 2020
logo
Fairchild Semiconductor
AN-9732 FAIRCHILD-AN-9732 Datasheet
2Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 200W Lighting System
FAN7528 FAIRCHILD-FAN7528_07 Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com