Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3103-1-00-15-00-00-08-0 Datasheet(PDF) 25 Page - Fairchild Semiconductor

Part # 3103-1-00-15-00-00-08-0
Description  Dual BCM PFC Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

3103-1-00-15-00-00-08-0 Datasheet(HTML) 25 Page - Fairchild Semiconductor

Back Button 3103-1-00-15-00-00-08-0 Datasheet HTML 21Page - Fairchild Semiconductor 3103-1-00-15-00-00-08-0 Datasheet HTML 22Page - Fairchild Semiconductor 3103-1-00-15-00-00-08-0 Datasheet HTML 23Page - Fairchild Semiconductor 3103-1-00-15-00-00-08-0 Datasheet HTML 24Page - Fairchild Semiconductor 3103-1-00-15-00-00-08-0 Datasheet HTML 25Page - Fairchild Semiconductor 3103-1-00-15-00-00-08-0 Datasheet HTML 26Page - Fairchild Semiconductor 3103-1-00-15-00-00-08-0 Datasheet HTML 27Page - Fairchild Semiconductor 3103-1-00-15-00-00-08-0 Datasheet HTML 28Page - Fairchild Semiconductor 3103-1-00-15-00-00-08-0 Datasheet HTML 29Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
www.fairchildsemi.com
© 2010 Fairchild Semiconductor Corporation
25
FEB388_FAN9611/12 • Rev. 0.0.2
Figure 31 and Figure 32 show the phase-adding waveforms. As observed, just before the
channel 2 gate drive signal is enabled, the duty cycle of Channel 1 gate drive signal is
halved to minimize the line current glitch and guarantee smooth transient. In Figure 32,
the first pulse of gate drive 2 during the phase-adding operation is skipped to ensure 180
degree out-of-phase interleaving operation during transient.
CH1: Gate Drive 1 Voltage (20V/div), CH2: Gate Drive 2 Voltage (20V/div),
CH3: Inductor L1 Current (1A/div), CH4: Inductor L2 Current (1A/div), Time (5ms/div)
Figure 31.
Phase-Adding Operation
CH1: Gate Drive 1 Voltage (20V/div), CH2: Gate Drive 2 Voltage (20V/div),
CH3: Inductor L1 Current (1A/div), CH4: Inductor L2 Current (1A/div), Time (5µs/div)
Figure 32.
Phase-Adding Operation (Zoomed-in Timescale)
Gate
Drive 1
Gate
Drive 2
IL1
IL2
Gate
Drive 1
Gate
Drive 2
IL1
IL2


Similar Part No. - 3103-1-00-15-00-00-08-0

ManufacturerPart #DatasheetDescription
logo
Kendall Howard
3103-3-001-22 KENDALLHOWARD-3103-3-001-22 Datasheet
222Kb / 2P
   22U LINIER FS GLASS FRONT/ GLASS REAR
3103-3-001-27 KENDALLHOWARD-3103-3-001-27 Datasheet
214Kb / 2P
   27U LINIER FS GLASS FRONT/ GLASS REAR
3103-3-001-37 KENDALLHOWARD-3103-3-001-37 Datasheet
216Kb / 2P
   37U LINIER FS GLASS FRONT/ GLASS REAR
3103-3-001-42 KENDALLHOWARD-3103-3-001-42 Datasheet
216Kb / 2P
   42U LINIER FS GLASS FRONT/ GLASS REAR
3103-3-024-22 KENDALLHOWARD-3103-3-024-22 Datasheet
222Kb / 2P
   22U LINIER AV GLASS FRONT/ GLASS REAR
More results

Similar Description - 3103-1-00-15-00-00-08-0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
logo
NXP Semiconductors
TEA19162T NXP-TEA19162T Datasheet
283Kb / 30P
   PFC controller
Rev. 1-10 March 2016
TEA19162T NXP-TEA19162T_V01 Datasheet
343Kb / 30P
   PFC controller
Rev. 3-7 May 2018
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_15 Datasheet
219Kb / 21P
   PFC Controller
May, 2015 ??Rev. 10
logo
NXP Semiconductors
TEA19162CT NXP-TEA19162CT Datasheet
340Kb / 29P
   PFC controller
Rev. 2-26 February 2020
logo
Fairchild Semiconductor
AN-9732 FAIRCHILD-AN-9732 Datasheet
2Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 200W Lighting System
FAN7528 FAIRCHILD-FAN7528_07 Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com