Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSEZ13X7 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSEZ13X7
Description  Primary Side Regulated (PSR) Flyback Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSEZ13X7 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSEZ13X7 Datasheet HTML 1Page - Fairchild Semiconductor FSEZ13X7 Datasheet HTML 2Page - Fairchild Semiconductor FSEZ13X7 Datasheet HTML 3Page - Fairchild Semiconductor FSEZ13X7 Datasheet HTML 4Page - Fairchild Semiconductor FSEZ13X7 Datasheet HTML 5Page - Fairchild Semiconductor FSEZ13X7 Datasheet HTML 6Page - Fairchild Semiconductor FSEZ13X7 Datasheet HTML 7Page - Fairchild Semiconductor FSEZ13X7 Datasheet HTML 8Page - Fairchild Semiconductor FSEZ13X7 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AN-8033
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 5/6/10
3
3. Design Consideration
Converters with Constant Current (CC) output require
more design consideration than the conventional power
supply design with a fixed output voltage. In CC
operation, the voltage for control IC (VDD), which is
usually obtained with an auxiliary winding of the
transformer, changes with the output voltage. Thus, the
VDD operation range determines the constant current
control range. FAN103 and FSEZ13X7 have a wide
supply voltage (VDD) operation range from 5V up to 24V,
which allows stable CC regulation even with output
voltage lower than a quarter of its nominal value.
Another important design consideration for CC operation
is that the transformer should be designed to guarantee
DCM operation in all operation range since the output
information is properly obtained only in DCM operation,
as described in Section 2. As seen in Figure 4, the
MOSFET conduction time (tON) decreases as output
voltage decreases in CC mode. Meanwhile, the diode
conduction time (tD) increases as the output voltage
decreases. Since the increase of tON is dominant to the
decrease of tON in determining the sum of tON and tD, the
converter tends to enter CCM as output voltage decreases.
FAN103 and FSEZ13X7 have a frequency reduction
function to prevent CCM operation by extending the
switching period, which is activated when the output
voltage drops below 70% of its nominal value, as depicted
in Figure 5. Therefore, 70% of output voltage and
minimum output voltage are the two worst cases for the
transformer design.
The transformer should be designed for DCM both at 70%
of nominal output voltage and minimum output voltage.
Once the converter is designed to operate in DCM at 70%
of nominal output voltage and minimum output voltage,
DCM operation is guaranteed for entire load range.
I
ds
V
ds
I
ds
V
ds
tON
tD
IPK
tON
CC
tD
CC
/
CC
OO
VV
k
=
IPK
CC
/
CC
ON
ON
TT
k
=
CC
DD
TT
k
=⋅
Figure 4. tON and tD Change as Output Voltage
Decreases
Figure 5. Operation Range of Charger with CC/CV


Similar Part No. - FSEZ13X7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
FSEZ1307MY FAIRCHILD-FSEZ1307MY Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
FSEZ1317 FAIRCHILD-FSEZ1317 Datasheet
963Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
More results

Similar Description - FSEZ13X7

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6004 MPS-MP6004 Datasheet
1Mb / 23P
   Primary-Side Regulated Flyback/Buck 80V DCDC Converter
EV8007-V-00D MPS-EV8007-V-00D Datasheet
465Kb / 9P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00C MPS-EV8007-V-00C Datasheet
513Kb / 9P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00A MPS-EV8007-V-00A Datasheet
511Kb / 10P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
logo
Fairchild Semiconductor
AN-9741 FAIRCHILD-AN-9741 Datasheet
379Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FL103M
logo
Power Integrations, Inc...
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
   24 W Primary-side Regulated Flyback Power Supply using TOP245Y
logo
Fairchild Semiconductor
AN-9735 FAIRCHILD-AN-9735 Datasheet
481Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FAN103 & FSEZ1317
logo
ON Semiconductor
NCV1362 ONSEMI-NCV1362_V01 Datasheet
645Kb / 31P
   Automotive Primary Side Flyback Controller
July, 2021 ??Rev. 5
NCV1362 ONSEMI-NCV1362 Datasheet
644Kb / 31P
   Automotive Primary Side Flyback Controller
June, 2021 ??Rev. 4
FL6632 ONSEMI-FL6632 Datasheet
489Kb / 15P
   Primary-Side-Regulated LED Driver
May 2015 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com