Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP18N50 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDP18N50
Description  PFCPWM Combination Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP18N50 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDP18N50 Datasheet HTML 1Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 2Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 3Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 4Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 5Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 6Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 7Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 8Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AN-8027
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 8/26/09
4
RT/
CT
OPFC
OPWM
OPWM (FAN4800C, FAN4802/2L)
PFC dead time
Figure 9. FAN480X Timing Diagram
PWM Stage
The PWM stage is capable of current-mode or voltage-
mode operation. In current-mode applications, the PWM
ramp (RAMP) is usually derived directly from a current
sensing resistor or current transformer in the primary of the
output stage and is thereby representative of the current
flowing in the converter’s output stage. ILIMIT, which
provides cycle-by-cycle current limiting, is typically
connected to RAMP in such applications.
For voltage-mode operation, RAMP can be connected to a
separate RC timing network to generate a voltage ramp
against which FBPWM voltage is compared. Under these
conditions, the use of voltage feed-forward from the PFC
bus can be used for better line transient response.
No voltage error amplifier is included in the PWM stage,
as this function is generally performed by a programmable
shunt regulator, such as KA431, in the secondary-side. To
facilitate the design of opto-coupler feedback circuitry, an
offset voltage is built into the inverting input of PWM
comparator that allows FBPWM to command a zero
percent duty cycle when its pin voltage is below 1.5V.
V
BOUT
RAMP
R
RAMP
C
RAMP
REF
+
-
PWM
FBPWM
1.5V
Figure 10. PWM Ramp Generation Circuit
PWM Current Limit
The ILIMIT pin is a direct input to the cycle-by-cycle
current limiter for the PWM section. If the input voltage at
this pin exceeds 1V, the output of the PWM is disabled
until the start of the next PWM clock cycle.
VIN OK Comparator
The VIN OK comparator monitors the output of the PFC
stage and inhibits the PWM stage if this voltage is less than
2.4V (96% of its nominal value). Once this voltage goes
above 2.4V, the PWM stage begins to soft-start.
PWM Soft-Start (SS)
PWM startup is controlled by the soft-start capacitor. A
10µA current source supplies the charging current for the
soft-start capacitor. Startup of the PWM is prohibited until
the soft-start capacitor voltage reaches 1.5V.


Similar Part No. - FDP18N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP18N50 FAIRCHILD-FDP18N50 Datasheet
1Mb / 10P
   500V N-Channel MOSFET
FDP18N50 FAIRCHILD-FDP18N50 Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
logo
ON Semiconductor
FDP18N50 ONSEMI-FDP18N50 Datasheet
1Mb / 11P
   N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ
November-2017, Rev 3
logo
Inchange Semiconductor ...
FDP18N50 ISC-FDP18N50 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP18N50_0704 FAIRCHILD-FDP18N50_0704 Datasheet
448Kb / 10P
   500V N-Channel MOSFET
More results

Similar Description - FDP18N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com