Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFP08H60S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FFP08H60S
Description  Power Factor Correction Converter Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP08H60S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FFP08H60S Datasheet HTML 1Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 2Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 3Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 4Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 5Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 6Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 7Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 8Page - Fairchild Semiconductor FFP08H60S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AN-6982
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 6/8/10
4
Figure 8. VRMS According to the PFC Operation
Range Function
To improve system efficiency at low AC line voltage and
light load condition, FAN6982 provides two-level PFC
output voltage. As shown in Figure 9, FAN6982 monitors
VEA and VRMS voltages to adjust the PFC output voltage.
When VEA and VRMS are lower than the thresholds, an
internal current source of 20
µA is enabled and flows
through RFB2, increasing the voltage of the FBPFC pin.
This causes the PFC output voltage to reduce when 20
µA
is enabled, calculated as:
12
22
2
(2 5 20
)
+
×
FB
FB
OPFC
FB
FB
RR
V. -
μAR
R
(5)
It is typical to set the second boost output voltage as
340V~300V.
Figure 9. Two-Level PFC Output Block
Oscillator
The internal oscillator frequency is determined by the
timing resistor and capacitor on the RT/CT pin. The
frequency of the internal oscillator is given by:
1
0.56
360
OSC
TT
T
f
R CC
=
⋅⋅
+
(6)
Dead time for the PFC gate drive signal is determined by:
360
DEAD
T
tC
=
(7)
Dead time should be smaller than 2% of the switching
period to minimize line current distortion around the line
zero crossing.
The duty cycle is determined by comparing IEA voltage
with the sawtooth waveform on the RT/CT pin. Note that
FAN6982 employs leading-edge modulation and the duty
cycle reduces as IEA voltage increases.
Figure 10. Timing Diagram
RDY Function
The RDY function shown in Figure 11 is controlled by the
voltage of FBPFC. When the voltage of FBPFC is over
than 96% of 2.5V, the RDY pin is be connected to SGND.
Meanwhile, the internal MOSFET is turned off and the
RDY pin is floated when FBPFC pin voltage is lower than
46% of 2.5V. This is typically used to control the startup
and shutdown of downstream converter by connecting and
disconnecting supply voltage of the downstream converter
as shown in Figure 11. Typically, a bypass capacitor is
connected across the RDY pin and ground to minimize
noise interference.
Figure 11. RDY Application Circuit


Similar Part No. - FFP08H60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFP08H60S FAIRCHILD-FFP08H60S Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFP08H60S FAIRCHILD-FFP08H60S Datasheet
187Kb / 5P
   Hyperfast 2 Rectifier
FFP08H60S FAIRCHILD-FFP08H60S Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FFP08H60STU FAIRCHILD-FFP08H60STU Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFP08H60STU FAIRCHILD-FFP08H60STU Datasheet
187Kb / 5P
   Hyperfast 2 Rectifier
More results

Similar Description - FFP08H60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com