Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP13N50C Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FQP13N50C
Description  PFCPWM Combination Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP13N50C Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FQP13N50C Datasheet HTML 2Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 3Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 4Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 5Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 6Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 7Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 8Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 9Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AN-8027
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 8/26/09
6
[STEP-1] Define System Specifications
Since the overall system is comprised of two stages (PFC
and DC/DC), as shown in Figure 12, the input power and
output power of the boost stage are given as:
OUT
IN
P
P
η
=
(8)
OUT
BOUT
PWM
P
P
η
=
(9)
where
η is the overall efficiency and η
PWM is the forward
converter efficiency.
The nominal output current of boost PFC stage is given as:
OUT
BOUT
PWM BOUT
P
I
V
η
=
(10)
Boost
PFC
Forward
DC/DC
P
IN
P
BOUT
V
BOUT
I
BOUT
P
OUT
V
OUT
Figure 12. Two Stage Configuration
(Design Example)
300
366
0.82
OUT
IN
P
P
W
η
==
=
300
349
0.86
OUT
BOUT
PWM
P
P
W
η
==
=
300
0.86 387
0.9
OUT
BOUT
PWM
BOUT
P
I
A
V
η
==
=
[STEP-2] Frequency Setting
The switching frequency is determined by the timing resistor
and capacitor (RT and CT) as:
11
40.56
SW
TT
f
R C
≅⋅
⋅⋅
(11)
It is typical to use a 470pF~1nF capacitor for 50~75kHz
switching frequency operation since the timing capacitor
value determines the maximum duty cycle of PFC gate drive
signal as:
.
.
11 360
MIN
OFF
MAX PFC
T
SW
SW
T
D
Cf
T
=−
=−
(12)
(Design Example)
Since the switching frequency is
65kHz, CT is selected as 1nF. Then the maximum duty
cycle of PFC gate drive signal is obtained as:
.
1 360
0.98
MAX PFC
T
SW
DC
f
= −⋅
=
The timing resistor is determined as:
11
6.9
40.56
T
SW
T
R
k
fC
= ⋅=
Ω
[STEP-3] Line Sensing Circuit Design
FAN480X senses the RMS value and instantaneous value of
line voltage using the VRMS and IAC pins, respectively, as
shown in Figure 13. The RMS value of the line voltage is
obtained by an averaging circuit using low pass filter with
two poles. Meanwhile, the instantaneous line voltage
information is obtained by sensing the current flowing into
IAC pin through RIAC.
IA
C
VRMS
R
RMS1
R
RMS2
R
RMS3
C
RMS1
C
RMS2
R
IAC
I
AC
V
IN
I
L
120/100Hz
f
p1
f
p2
RMS
IN
V
V
Figure 13. Line Sensing Circuits
RMS sensing circuit should be designed considering the
nominal operation range of line voltage and brownout
protection trip point as:
3
.
12
3
2
2
RMS
RMS UVL
LINE BO
RMS
RMS
RMS
R
VV
RR
R
π
=
++
(13)
3
.
12
3
2
RMS
RMS UVH
LINE MIN
RMS
RMS
RMS
R
VV
RR
R
<
++
(14)
where VRMS-UVL and VRMS-UVH are the brown OUT/IN
thresholds of VRMS.
It is typical to set RRMS2 as 10% of RRMS1. The poles of the
low pass filter are given as:
1
12
1
2
P
RMS
RMS
f
CR
π
⋅⋅
(15)
2
23
1
2
P
RMS
RMS
f
CR
π
⋅⋅
(16)


Similar Part No. - FQP13N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
873Kb / 10P
   500V N-Channel MOSFET
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
927Kb / 10P
   500V N-Channel MOSFET
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
927Kb / 10P
   500V N-Channel MOSFET
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
1Mb / 10P
   500V N-Channel MOSFET
More results

Similar Description - FQP13N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com