Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8303 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN8303
Description  Negative Voltage Management
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8303 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN8303 Datasheet HTML 1Page - Fairchild Semiconductor FAN8303 Datasheet HTML 2Page - Fairchild Semiconductor FAN8303 Datasheet HTML 3Page - Fairchild Semiconductor FAN8303 Datasheet HTML 4Page - Fairchild Semiconductor FAN8303 Datasheet HTML 5Page - Fairchild Semiconductor FAN8303 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AN-8023
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 7/30/09
2
Principle of Operation
To understand buck-boost topology, buck topolgy is briefly
compared below. When the MOSFET switch (Q1 in Figure 3)
is turned on, the voltage across inductor (VL) is VIN -VOUT.
During Q1 off-time, VL is equal to -VOUT in buck topology. So
the inductor current (IL) ramps up with (VIN-VOUT)/L and
ramps down with VOUT/L slope. Thus, the energy can be
transferred to the load with positive output voltage.
Meanwhile, in buck-boost topology, the inductor and
freewheeling diode switch positions. When the MOSFET
switch Q1 (Figure 2) is turned on, VL is same as VIN, so IL
ramps up with VIN/L. During the Q1 off-time, VL has reverse
polarity to maintain continuous inductor current with -VOUT.
Therefore, it can generate negative output voltage.
Buck-boost circuit with buck regulators require several
design considerations. Table 1 summarizes the design
parameter comparison between buck and buck-boost circuit.
VIN
CIN
C
OUT
Load
Vo
PWM
LOUT
Q1
D1
V
IN
C
IN
COUT
Load
Vo
PWM
LOUT
D1
Q1
1
Q
I
1
D
I
L
I
L
I
L
V
IN
V
OUT
V
t
OUT
V
Q1 ON
Q1 OFF
1
Q
I
1
D
I
L
I
L
I
L
V
IN
OU T
VV
OUT
V
t
OUT
V
Q1 ON
Q1 OFF
Figure 2. Buck-Boost Topology
Figure 3. Buck Topology
Table 1.
Buck and Buck-Boost Design Parameters
First of all, inductor current is limited by (1–D); so attention
is needed to see that the maximum output current of buck
regulator is be always lower than the maximum current in
buck-boost circuit. Second, the switch node is a sum of input
voltage and output voltage in buck-boost. It also needs to be
limited to the maximum switch node voltage of buck
regulator. Since buck-boost is very noisy on input and
output compared to buck circuit, it requires good-quality
MLCC as input and output filters.
Topology
IL (Average)
Maximum VSW
Duty Cycles
Buck-Boost
1
OUT
I
D
IN
OUT
VV
+
OUT
IN
OUT
V
VV
+
Buck
OUT
I
IN
V
OUT
IN
V
V


Similar Part No. - FAN8303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8303 FAIRCHILD-FAN8303 Datasheet
636Kb / 12P
   2A 23V Non-Synchronous Step-Down DC/DC Regulator
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
   2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Fairchild Semiconductor
FAN8303MX FAIRCHILD-FAN8303MX Datasheet
636Kb / 12P
   2A 23V Non-Synchronous Step-Down DC/DC Regulator
logo
ON Semiconductor
FAN8303MX ONSEMI-FAN8303MX Datasheet
837Kb / 13P
   2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
FAN8303MXCT-ND ONSEMI-FAN8303MXCT-ND Datasheet
5Mb / 30P
   Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
November, 2020 ??Rev. 0
More results

Similar Description - FAN8303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
   Negative Voltage Regulator
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
   Negative Voltage Regulator
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com