Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6846B Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SG6846B
Description  Control a Flyback Power Supply with Surge Current Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6846B Datasheet(HTML) 6 Page - Fairchild Semiconductor

  SG6846B Datasheet HTML 1Page - Fairchild Semiconductor SG6846B Datasheet HTML 2Page - Fairchild Semiconductor SG6846B Datasheet HTML 3Page - Fairchild Semiconductor SG6846B Datasheet HTML 4Page - Fairchild Semiconductor SG6846B Datasheet HTML 5Page - Fairchild Semiconductor SG6846B Datasheet HTML 6Page - Fairchild Semiconductor SG6846B Datasheet HTML 7Page - Fairchild Semiconductor SG6846B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AN-6846
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.3.2 • 9/26/08
6
Figure 13.Universal Line Voltage Compensation for
Constant Output Power Limit
Two-level Over-Current Protection (OCP)
The cycle-by-cycle current limiting shuts down the PWM
immediately when the switching current is over the peak-
current threshold. In addition, an over-current protection
circuit is built-in. When the switching current is higher than
the OCP threshold, the internal counter starts counting up.
When the switching current is lower than the OCP threshold,
the
internal
counter
counts
down.
When
the
total
accumulated counting time is more than OCP delay time
(SG6846A: 1600ms; SG6846C: 110ms), the controller is
latched off.
By adjusting the RS resistance to let the peak-current at
maximum load under OCP threshold and over this threshold
at peak load condition, the two-level OCP protection is
enabled. These functions are especially designed for an
SMPS with surge current output, such as for printers,
scanners, and motor drivers.
Figure 14.Timing Chart for Two-level Over-Current
Protection (OCP)
VDD Over-Voltage Protection (OVP)
VDD over-voltage protection prevents the controller from
over-voltage destruction. The VDD voltage rises when an
open-loop failure occurs. Once the VDD voltage exceeds
23.6V for around 100µs, the power supply latches off.
Thermal Protection
A constant current, IRT, is provided from the pin RT.
The resistor connected to pin RI determines its magnitude:
IRT = 1.8V / RI
(8)
For example, IRT = 70µA if RI = 26KΩ.
For over-temperature protection (OTP), an NTC thermistor
RT in series with a resistor Ra can be connected between the
RT pin and ground. When the voltage of the RT pin drops
below 1.065V, PWM output is latched off. A debounce time
around 100µs is added to prevent false triggering. After the
latch is reset and cleared (SG6846CX: VRT>1.165V;
SG6846LX: AC unplugged), PWM turns on again. If the RT
pin is not used, connect a 100k
Ω resistor between the RT
pin and ground to disable this thermal protection function.
Beside NTC and Ra, a capacitor should be connected to RT
pin to eliminate switching noise. This capacitor’s value is
less than 1nF (shown as Figure 14).
Figure 15.T C1 (<1nF) Connect to RT Pin
Lab Note
Before rework or solder/desolder on the power supply,
discharge the primary capacitors by an external bleeding
resistor. Otherwise, the PWM IC may be destroyed by
external high voltage during solder/desolder.
This device is sensitive to ESD discharge. To improve
production yield, the production line should be ESD
protected according to ANSI ESD S1.1, ESD S1.4, ESD
S7.1, ESD STM 12.1, and EOS/ESD S6.1.


Similar Part No. - SG6846B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846BCSY FAIRCHILD-SG6846BCSY Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846BCSZ FAIRCHILD-SG6846BCSZ Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846BLSY FAIRCHILD-SG6846BLSY Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846BLSZ FAIRCHILD-SG6846BLSZ Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6846B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6747 FAIRCHILD-AN-6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
AN-6858 FAIRCHILD-AN-6858 Datasheet
256Kb / 7P
   Control a Flyback Power Supply
AN-6741 FAIRCHILD-AN-6741 Datasheet
307Kb / 8P
   Flyback Power Supply Control
AN-6861 FAIRCHILD-AN-6861 Datasheet
468Kb / 12P
   a Flyback Power Supply with Peak Load Current Profile
AN-6756 FAIRCHILD-AN-6756 Datasheet
575Kb / 13P
   Applying FAN6756 to Control a Flyback Power Supply
AN-6902 FAIRCHILD-AN-6902 Datasheet
545Kb / 12P
   Control a CCM PFC and Flyback/PWM Power Supply
logo
Texas Instruments
UCC28910 TI-UCC28910_15 Datasheet
1Mb / 53P
[Old version datasheet]   High-Voltage Flyback Switcher with Primary-Side Regulation and Output Current Control
logo
Cirrus Logic
CRD1615-8W CIRRUS-CRD1615-8W Datasheet
1Mb / 22P
   Quasi-resonant Flyback with Constant-current Output
CRD1610-8W CIRRUS-CRD1610-8W Datasheet
1Mb / 24P
   Quasi-resonant Flyback with Constant-current Output
CRD1611A-8W CIRRUS-CRD1611A-8W Datasheet
1Mb / 25P
   Quasi-resonant Flyback with Constant-current Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com