Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6755 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN6755
Description  Design Guideline to Replace FAN6753 with FAN6755
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6755 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN6755 Datasheet HTML 1Page - Fairchild Semiconductor FAN6755 Datasheet HTML 2Page - Fairchild Semiconductor FAN6755 Datasheet HTML 3Page - Fairchild Semiconductor FAN6755 Datasheet HTML 4Page - Fairchild Semiconductor FAN6755 Datasheet HTML 5Page - Fairchild Semiconductor FAN6755 Datasheet HTML 6Page - Fairchild Semiconductor FAN6755 Datasheet HTML 7Page - Fairchild Semiconductor FAN6755 Datasheet HTML 8Page - Fairchild Semiconductor FAN6755 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.fairchildsemi.com
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 1/14/11
AN-6755
Design Guideline to Replace FAN6753 with FAN6755
Introduction
FAN6755 is a highly integrated PWM controller featuring
green-mode, frequency hopping, constant power limit, and a
number of protection functions. Green mode and burst
mode function with a low operating current to maximize the
light-load efficiency so the power supply can meet stringent
standby power regulations. Frequency hopping reduces the
Electro-Magnetic Emission (EMI) by spreading the
frequency spectrum. The constant power limit function
minimizes the component stress in abnormal conditions and
helps optimize the power stage. Protection functions such as
brownout, overload/open-loop (OLP), over-voltage (OVP),
and over-temperature (OTP) are fully integrated, which
improves the reliability of switched-mode power supplies
(SMPS) without increasing system cost. This application
note explains how to replace PWM controller FAN6753
with FAN6755. Only VIN and Latch pins are different;
however, some functional improvements have been made to
FAN6755 for higher efficiency, lower power consumption,
and better performance. Therefore, several external
components should be changed accordingly. Table 1
summarizes the differences between these two devices. The
operating current is reduced to achieve lower standby power
consumption, which allows less than 100mW standby
power consumption for most of LCD monitor power supply
designs. The typical application circuit and internal block
diagram are shown in Figure 1 and Figure 2, respectively.
Table 1.
Comparison of FAN6753 and FAN6755
FAN6753
FAN6755
HV Pin Input Voltage
500V
700V
Brownout Protection
No
Line Sensing Using VIN Pin
Line Voltage Compensation for Pulse-by-Pulse
Current Limit (V
limit-L
/ V
limit-H
)
Saw-Limit (0.9V/0.56V)
Adjusted by VIN Pin (0.83V/0.7V)
Sense Pin Short-Circuit Protection (SCP)
VSENSE<0.15V Longer than 150µs
No
Gate Source Current
250mA
700mA
FB Impedance (Z
FB
)
5KΩ
15KΩ
Operating Current (I
DD-OP
)
2.7mA
2mA
Leading-Edge Blanking Time (t
LEB
)
150ns
290ns
Minimum Operating Voltage (UVLO)
9.5V
7.8V
Maximum Duty Cycle
65%
75%
Soft-Start (t
SS
)
5.0ms
5.5ms
Package
8-Pin SOP Package
7-Pin SOP Package


Similar Part No. - FAN6755

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6755 FAIRCHILD-FAN6755 Datasheet
851Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6755MY FAIRCHILD-FAN6755MY Datasheet
851Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6755MY FAIRCHILD-FAN6755MY Datasheet
854Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6755UW FAIRCHILD-FAN6755UW Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
More results

Similar Description - FAN6755

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6754 FAIRCHILD-AN-6754 Datasheet
352Kb / 8P
   Design Guideline to Replace SG6742
AN-6754A FAIRCHILD-AN-6754A Datasheet
470Kb / 9P
   Design Guideline to Replace SG6742 with FAN6754A
logo
STMicroelectronics
AN4218 STMICROELECTRONICS-AN4218 Datasheet
1Mb / 26P
   Hardware design guideline
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
AN2450 STMICROELECTRONICS-AN2450 Datasheet
752Kb / 35P
   LLC resonant half-bridge converter design guideline
logo
List of Unclassifed Man...
SP-K10 ETC2-SP-K10 Datasheet
337Kb / 2P
   Designed to replace ceramic insulators
Q-PAD-II ETC2-Q-PAD-II Datasheet
373Kb / 2P
   Designed to replace thermal grease
logo
Fairchild Semiconductor
AN-9738 FAIRCHILD-AN-9738 Datasheet
1Mb / 25P
   Design Guideline on 150W Power Supply for LED Street Lighting Design Using FL7930B and FAN7621S
logo
Micross Components
LSK170 MICROSS-LSK170 Datasheet
303Kb / 1P
   Replace discontinued Toshiba 2SK170 with LSK170
logo
Fuji Electric
EDS11-139A FUJI-EDS11-139A Datasheet
99Kb / 6P
   REPLACE CASE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com