Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN9611 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN9611
Description  Design Consideration for Interleaved Boundary Conduction Mode PFC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9611 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN9611 Datasheet HTML 7Page - Fairchild Semiconductor FAN9611 Datasheet HTML 8Page - Fairchild Semiconductor FAN9611 Datasheet HTML 9Page - Fairchild Semiconductor FAN9611 Datasheet HTML 10Page - Fairchild Semiconductor FAN9611 Datasheet HTML 11Page - Fairchild Semiconductor FAN9611 Datasheet HTML 12Page - Fairchild Semiconductor FAN9611 Datasheet HTML 13Page - Fairchild Semiconductor FAN9611 Datasheet HTML 14Page - Fairchild Semiconductor FAN9611 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN-6086
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.4 • 4/22/10
11
Figure 18. Control-to-Output Transfer Function
Proportional and integration (PI) control with high
frequency pole is typically used for compensation, as
shown in Figure 19. The compensation zero (fCZ)
introduces
phase
boost,
while
the
high
frequency
compensation pole (fCP) attenuates the switching ripple.
The transfer function of the compensation network is
obtained as:
1
ˆ
2
2
ˆ
1
2
COMP
CZ
I
OUT
CP
s
vf
f
s
vs
f
π
π
π
+
=⋅
+
(30)
where
,
,
,
380
/
,
2
1
,
2
1
2
I
OUT
COMP LF
CZ
COMP
COMP LF
CP
COMP
COMP HF
AV
f
VC
f
RC
f
RC
μ
π
π
π
=⋅
=
⋅⋅
=
⋅⋅
,
1
2
CZ
COMP
COMP LF
f
RC
π
=
^
^
COMP
OUT
v
v
,
1
2
CP
COMP
COMP HF
f
RC
π
=
,,
10
COMP HF
COMP LF
CC
,
2
12
SS REF
FB
FB
FB
OUT
V
R
RR
V
=
+
Figure 19. Compensation Network
The procedure to design the feedback loop is as follows:
(a) Determine
the
crossover
frequency (fC) around
1/10~1/5 of line frequency. Since the control-to-output
transfer function of power stage has -20dB/dec slope
and -90
o phase at the crossover frequency, as shown in
Figure 20; it is required to place the zero of the
compensation network (fCZ) around the crossover
frequency so that 45
° phase margin is obtained. Then,
the capacitor CCOMP,LF is determined as:
,
2
80
/
3
4.1
(2
)
OUT
MAX
COMP LF
OUT
OUT
C
AV I
K
C
V
Cf
μ
π
⋅⋅
=⋅
⋅⋅
(31)
To place the compensation zero at the crossover frequency,
the compensation resistor is obtained as:
,
1
2
COMP
CCOMP LF
R
fC
π
=
⋅⋅
(32)
(b) Place compensator high-frequency pole (fCP) at least a
decade higher than fC to ensure that it does not
interfere with the phase margin of the voltage
regulation loop at its crossover frequency. It should
also be sufficiently lower than the switching frequency
of the converter so noise can be effectively attenuated.
Then, the capacitor CCOMP,HF is determined as:
,
1
2
COMP HF
CP
COMP
C
fR
π
=
⋅⋅
(33)
Figure 20. Compensation Network Design


Similar Part No. - FAN9611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9611MX FAIRCHILD-FAN9611MX Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
More results

Similar Description - FAN9611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_15 Datasheet
111Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
logo
Sanken electric
SSC2102S SANKEN-SSC2102S Datasheet
600Kb / 21P
   Discontinuous Conduction Mode (DCM) Interleaved PFC IC
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
R2A20112SP RENESAS-R2A20112SP Datasheet
85Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com