Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6363 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMS6363
Description  PCB Layout Considerations for Video Filter / Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6363 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMS6363 Datasheet HTML 1Page - Fairchild Semiconductor FMS6363 Datasheet HTML 2Page - Fairchild Semiconductor FMS6363 Datasheet HTML 3Page - Fairchild Semiconductor FMS6363 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.fairchildsemi.com
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 12/7/06
AN-6041 PCB Layout Considerations
for Video Filter / Drivers
Power
The bulk capacitor (Tantalum or Electrolytic) should be
placed reasonably close to the device. If used, a linear
regulator for analog VCC should be close to the power area
of the device. Use separate analog and digital power planes.
Decoupling Capacitors
Placement of bypass capacitors is important to maintain
proper function. Every supply pin should connect to a
ceramic decoupling capacitor. The distance from the device
pin should be no greater than 0.1 inches, as shown in Figure
1. Place high-frequency decoupling capacitors as close to
the device power supply pin as possible; without series vias
between the capacitor and the device pin. This is normally
done for the smallest capacitor, closest to the supply pin.
Board space does not always allow for all bypass capacitors
to be on the same plane; second and third capacitors may
need vias to connect to the power supply pin.
Figure 1.
Decoupling Capacitor Placement
Analog GND and Digital GND
The ground plane is the most important layer in the PCB
layout; it greatly affects the performance of analog
components and signals. Proper layout of the ground plane
keeps the board noise level within acceptable margins.
Avoid long current loops, especially when mixing analog
and digital signals. The best way to achieve this is to
partition analog and digital ground very carefully and
clearly so that signal and return current paths can be
localized in their sections. If analog and digital circuitry is
partitioned well, there is no need to split the ground. In most
cases, a single solid ground plane is the best choice because
it keeps ground potential lower between every ground point
and helps reduce EMI. In a complex digital intensive
design, it may be difficult to keep the analog area free from
digital return current. In that case, there may be some
benefit from cutting ground between the digital and analog
and tying the two together under the device. Avoid any
traces running across the split.
Input Interface
Figure 2 shows a typical AC-coupled input configuration
for driving the filter/driver. In this configuration, use a
0.1µF ceramic capacitor to AC couple the input signal. The
coupling capacitor and the input termination resistor at the
input to the filter/driver should be placed close to the input
pin for optimal signal integrity. If the input signal does not
go below ground, the clamp is inactive; but if the input
signal goes below ground, the clamp circuitry sets the
bottom of the sync tip (or lowest voltage) to just below
ground. The input level set by the clamp, combined with the
internal DC offset, keeps the output signal within acceptable
range. This clamp feature allows the input to be directly
driven (DC-coupled) by a ground-referenced DAC output.
Figure 2.
Typical AC-Coupled Input Configuration for Driving the Filter / Driver
LPF
0.1µF
Buf
Input
Clamp/
Bias
Rterm
Termination &
Coupling close
to device input


Similar Part No. - FMS6363

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6363 FAIRCHILD-FMS6363 Datasheet
35Kb / 1P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363 FAIRCHILD-FMS6363 Datasheet
229Kb / 10P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363 FAIRCHILD-FMS6363 Datasheet
475Kb / 9P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
logo
ON Semiconductor
FMS6363 ONSEMI-FMS6363 Datasheet
693Kb / 12P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
July 2009 Rev. 1.0.4
logo
Shenzhen Huazhimei Semi...
FMS6363 HMSEMI-FMS6363 Datasheet
916Kb / 8P
   Three-channel 6-order HD video filter driver IC
More results

Similar Description - FMS6363

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AN04-006 LINEAGEPOWER-AN04-006 Datasheet
476Kb / 4P
   PWB Layout Considerations
logo
Silicon Laboratories
AN583 SILABS-AN583 Datasheet
347Kb / 11P
   Safety Considerations and Layout Recommendations for Digital Isolators
logo
Agamem Microelectronic ...
AA8615 AGAMEM-AA8615 Datasheet
39Kb / 1P
   Triple, SDTV Video Filter Drivers
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
logo
Samtec, Inc
XDMX SAMTEC-XDMX Datasheet
41Kb / 1P
   Recommended PCB Layout For XDMX
Rev. A
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
E-SWITCH
P010401 E-SWITCH-P010401 Datasheet
28Kb / 1P
   Updated PCB Layout
logo
STMicroelectronics
AN576 STMICROELECTRONICS-AN576 Datasheet
55Kb / 6P
   PCB LAYOUT OPTIMISATION
logo
Samtec, Inc
QTH-040-01-F-D-DP-A SAMTEC-QTH-040-01-F-D-DP-A Datasheet
113Kb / 2P
   RECOMMENDED PCB LAYOUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com