Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN100 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN100
Description  Design and Application of Primary-Side Regulation (PSR) PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN100 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN100 Datasheet HTML 6Page - Fairchild Semiconductor FAN100 Datasheet HTML 7Page - Fairchild Semiconductor FAN100 Datasheet HTML 8Page - Fairchild Semiconductor FAN100 Datasheet HTML 9Page - Fairchild Semiconductor FAN100 Datasheet HTML 10Page - Fairchild Semiconductor FAN100 Datasheet HTML 11Page - Fairchild Semiconductor FAN100 Datasheet HTML 12Page - Fairchild Semiconductor FAN100 Datasheet HTML 13Page - Fairchild Semiconductor FAN100 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AN-6067
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 1/26/10
10
Application Information
Transformer Design
The transformer inductor current must operate in DCM
under any conditions. A typical output V-I curve is shown in
Figure 24. For discontinuous current mode operation, the
transformer inductor should be small enough to meet this
condition. Point “B” is the lowest output voltage within the
CC regulation and the widest discharge time of the
transformer inductor due to the reflected voltage on the
primary inductor. It is the easiest into CCM condition for
transformer inductor.
Point “A” is the maximum output power of the power
system. Ensure that the magnetic flux density falls within
0.25~0.3 Tesla, considered a safe range. The number of
turns for primary transformer inductor can be determined on
point “A.” Figure 25 shows the characteristic curve of turn
ratio and transformer inductance.
o
V
o
I
(
)
maximum output power
determine turn number
A
B
determine
primary inductor
Figure 24. Critical Operating Points to Determine
the Transformer
0
0.5
1
1.5
2
2.5
3
3.5
5
6
7
8
9
10
11
12
13
14
15
n(turn ratio)
B=0.5V
B=1V
B=1.5V
B=2V
1 ,
0.45
IoA Vf
V
==
Figure 25. Characteristic Curve of Turn Ratio
and Inductance
Determine Maximum and Minimum Input Voltage
Figure 26 shows the corrected input voltage waveform. The
red line shows ripple voltage on the bulk capacitor and the
minimum and maximum voltage on the bulk capacitor is
expressed in equations 7 and 8, respectively. The CBULK is
the input capacitor and a typical value is 2-3µF per watt of
output power for wide range input voltage (90-264V).
2.5
Assume
mS
.min
in
V
Figure 26. Bridge Rectifier and Bulk Capacitor Voltage
Waveform
2
.min
,min
2(1- 0.3)
2-
120
oo
in
ac
bulk
VI
VV
C
η
⋅⋅ ⋅
=⋅
⋅⋅
(7)
.max
.max
2
in
ac
VV
=⋅
(8)
Determine the Turn Ratio
The transformer turn ratio (n
p=Npri/Nsec) is an important
parameter of the flyback converter; it affects the maximum
duty ratio when the input voltage is at a minimum value. It
also influences the voltage stresses on the MOSFET and the
secondary rectifier. The permissible voltage stresses and the
maximum voltage stresses on the MOSFET, as well as the
secondary rectifier, can be expressed as:
.max
.max
()
DS
in
p
o
f
VV
n
V
V
=+
+
(9)
.max
.max
in
Fo
p
V
VV
n
=
+
(10)
The leakage spike due to leakage inductance on the
MOSFET and rectifier must also be taken into account.
Determine Transformer Inductance
Determine the VDD voltage level and if the output voltage is
defined. The turn ratio between auxiliary winding and
secondary winding can be calculated as:
DD
fa
a
Of
VV
n
VV
+
=
+
(11)
where VDD is voltage on VDD cap, usually ranging from
about 15V~20V.
In the CC regulation region, on point “B,” the power system
shuts down if the output voltage is too low and the VDD


Similar Part No. - FAN100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
More results

Similar Description - FAN100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
   Primary-Side-Regulation PWM Controller (PWM-PSR)
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
logo
List of Unclassifed Man...
DP2525 ETC-DP2525 Datasheet
490Kb / 11P
   Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FL7734 ONSEMI-FL7734 Datasheet
380Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
November 2014 Rev. 1.0
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
   Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com