Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBA160-09R Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. SBA160-09R
Description  90V, 16A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

SBA160-09R Datasheet(HTML) 1 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
41098HA (KT)/83194MO (KOTO) AX-7816 No.4685-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Schottky Barrier Diode (Twin Type · Cathode Common)
90V, 16A Rectifier
Ordering number:EN4685
SBA160-09R
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
9V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
5
9V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
6
1A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
0
0
1A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
VR=10V, Tj=25˚C, *
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics
˚C
˚C
1:Anode
2:Cathode
3:Anode
SANYO:TO-3PML
Package Dimensions
unit:mm
1180A
[SBA160-09R]
Note*:Value per element
Electrical Connection
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage (VF max=0.75V).
· Fast reverse recovery time.
· Low switching noise.
· High reliability due to highly reliable planar
structure.
· Micaless package facilitating easy mounting.
˚C/W
50Hz, resistive load, Tc=78˚C
IR=3mA, Tj=25˚C, *
IF=8A, Tj=25˚C, *
VR=45V, Tj=25˚C, *
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
9V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
5
7
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
3
.
0A
m
e
n
c
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
0
8
2F
p
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T)
c
-
j
(
h
t
RC
D
d
e
h
t
o
o
m
S
:
e
s
a
C
-
n
o
i
t
c
n
u
J
4
.
2


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SB160-0990V 16A Rectifier 1 2 3 Sanyo Semicon Device
SB160-09R90V 16A Rectifier 1 2 3 Sanyo Semicon Device
HER1601G16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER 1 2 3 Won-Top Electronics
SB160-05R50V 16A Rectifier 1 2 3 Sanyo Semicon Device
SBG1630CT16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 Diodes Incorporated
SB200-0990V 20A Rectifier 1 2 3 Sanyo Semicon Device
SBA50-09Y90V 5A Rectifier 1 2 3 Sanyo Semicon Device
HER1601PT16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER 1 2 3 Won-Top Electronics
SBL163016A SCHOTTKY BARRIER RECTIFIER 1 2 Diodes Incorporated
HER160116A HIGH EFFICIENCY RECTIFIER 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn