Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS422 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RS422
Description  LVDS Compatibility
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RS422 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RS422 Datasheet HTML 1Page - Fairchild Semiconductor RS422 Datasheet HTML 2Page - Fairchild Semiconductor RS422 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.fairchildsemi.com
2
Compatibility with RS-422 and RS-485 Standards (Continued)
FIGURE 1. Driver Output Levels
FIGURE 2. Application of RS-422 Data to an LVDS Receiver
The R1, R2, and R3 resistor divider network collectively is
a total differential load of 100
Ω to match the characteristic
impedance of the transmission line and reduces the typical
RS-422 differential signal amplitude of 3.3V down to a
330mV level. Essentially, the resistor network is a 10:1
attenuation circuit. Refer to the equation below to calculate
the voltage drops across the resistors.
The majority (90%) of the RS-422 voltage is dropped
across resistors R1 and R2, leaving the remaining voltage
to be dropped across R3 which is compatible to the LVDS
receiver.
ITOT = VTOT/RTOT
(Current through the resistor network)
= 3.3V / (R1 + R2 = R3)
= 3.3V / 100Ω
= 33 mA
(Voltage across R1)
(Voltage across R2)
(Voltage across R3)
V1
= I
TOT * R1
V2
= I
TOT * R2
V3
= I
TOT * R3
= (33mA)(45Ω)
= (33mA)(45Ω)
= (33mA)(10Ω)
= 1.485V
= 1.485V
= 330mV


Similar Part No. - RS422

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS422 ETC2-RS422 Datasheet
47Kb / 1P
   Industrial Surge Protected Converter
RS422 ETC2-RS422 Datasheet
137Kb / 1P
   Industrial Isolated Converter
logo
Coolgear Inc.
RS422 COOLGEAR-RS422 Datasheet
127Kb / 2P
   Single Port USB to RS422 / 485 adapter
RS422 COOLGEAR-RS422 Datasheet
113Kb / 1P
   USB 2.0 Industrial Adapter User Selectable RS232/422/485 FTDI Chip
More results

Similar Description - RS422

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W9062A KEYSIGHT-W9062A Datasheet
2Mb / 5P
   Language Compatibility
logo
STMicroelectronics
AN901 STMICROELECTRONICS-AN901 Datasheet
88Kb / 14P
   Electromagnetic compatibility
logo
Amphenol Corporation
NPR-101 AMPHENOL-NPR-101 Datasheet
155Kb / 2P
   Harsh media compatibility
logo
STMicroelectronics
AN3190 STMICROELECTRONICS-AN3190 Datasheet
584Kb / 56P
   LQFP144 pinout compatibility analysis
logo
Samsung semiconductor
KLMXGXFE3B-X00X SAMSUNG-KLMXGXFE3B-X00X Datasheet
1Mb / 37P
   e.MMC 4.41 Specification compatibility
logo
List of Unclassifed Man...
TDC-GP2 ETC1-TDC-GP2 Datasheet
336Kb / 6P
   Migration and Compatibility Guideline
logo
Samsung semiconductor
KLM4G1YEMD-B031 SAMSUNG-KLM4G1YEMD-B031 Datasheet
405Kb / 25P
   e.MMC 5.0 Specification compatibility
logo
Fairchild Semiconductor
4145 FAIRCHILD-4145 Datasheet
518Kb / 8P
   Electromagnetic Compatibility for Power Converters
logo
C&K Components
MIL-S-83731 CK-COMPONENTS-MIL-S-83731 Datasheet
367Kb / 5P
   Epoxy sealed terminals for process compatibility
logo
List of Unclassifed Man...
CPU-1440 ETC2-CPU-1440 Datasheet
328Kb / 2P
   Vortex86DX processor at 600MHz x86 compatibility
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com