Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-1032 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # AN-1032
Description  Performance Restrictions Associated with 3.5 Watts SO-8 Power MOSFETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-1032 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  AN-1032 Datasheet HTML 1Page - Fairchild Semiconductor AN-1032 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
AN1032 Rev. A
Application Note 1032
Performance Restrictions Associated with
3.5 Watts SO-8 Power MOSFETs
In applications requiring high current and small footprint electronic
switches, a Power MOSFET packaged in an SO-8 is usually the
best choice. This is because the combination offers low on-
resistance and reasonable power handling. A second benefit is
the numerous suppliers for this product. As a result, SO-8 Power
MOSFETs are commonly found in applications such as notebook
computer DC-DC converters, battery chargers, and disk drive
motor controls.
SO-8 packaged Power MOSFETs handle about one Watt under
“typical” conditions (Figure 1), regardless of the silicon size. The
thermal capability of any semiconductor is strongly related to the
operating conditions, however users often overlook the impor-
tance of such criteria. In addition, the lack of an industry standard
means that MOSFET manufacturers may mislead the power
handling of SO-8 Power MOSFETs by two to four times their
typical thermal capability. Users should also remember that
current handling is proportional to power handling. By simply
manipulating the power rating conditions, MOSFET manufactur-
ers can tailor any current rating to any “non-typical” condition.
Of particular concern is a claim circulating that 3.5 Watt SO-8
Power MOSFETs exist in the industry. This is another twist in
addition to the existing ill-defined 2.5 Watt power rating. If users
carefully read the fine print of the disclaimer on the datasheets, it
reveals that 3.5 Watt power handling can only be achieved “when
mounted on a 1 inch square copper board; t < 10 sec.” Such
conditions are not only unrealistic, but also pose a potential
hazard for those who design parts with this information. As a
result, it is not uncommon to see SO-8 Power MOSFETs being
destroyed when they smoke during lab experiments.
The disclaimers are technically correct but unrealistic for two
reasons. First, one square inch of board space is somewhat
equivalent to the size of a typical CPU, (Figure 2). Realistically, no
one can afford such precious space for a MOSFET switch in any
portable electronics. Secondly, SO-8 Power MOSFETs reach
thermal equilibrium in a few minutes. That means a 10 second
operation is far from the worst case condition. As a general rule,
SO-8 Power MOSFETs handle about one Watt under “typical”
conditions (Figure 1).
Alan Li, Sr. Applications Engineer
© 1999 Fairchild Semiconductor Corporation
July, 1999
Figure 1. Typical Condition
RθJA = 125
oC/W
¡ P
D = 1 W
Figure 2. 1 in2 2oz Copper PAD
RθJA (10sec) = 36
oC/W
¡ P
D(10sec) = 3.5 W
RθJA = 50
oC/W
¡ P
D = 2.5 W
Equation 1.
T
J - TA = PD * R
θJA
where:
T
J = Junction Temperature
TA =Ambient Temperature
P
D =Power Dissipation
In order to calculate power handling rather than rely on datasheet
specifications, users should be familiar with the parameter RθJA.
Since T
J - TA = PD * R
θJA (Equation 1), power handling can be
calculated assuming the maximum allowable temperature, ambi-
ent temperature, and RθJA at a given condition are known. To
facilitate users in proper thermal design, Fairchild Semiconductor
publishes different RθJA specifications at various conditions.
Be Aware That Under “Typical” Conditions, SO-8 Power MOSFETs Only Handle About One Watt.
Advanced Power Products


Similar Part No. - AN-1032

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1030 CYMBET-AN-1030 Datasheet
494Kb / 6P
   EVAL-08 Frequently Asked Questions & Troubleshooting
logo
International Rectifier
AN-1035 IRF-AN-1035 Datasheet
3Mb / 42P
   Application Note
logo
Cymbet Corporation
AN-1036 CYMBET-AN-1036 Datasheet
674Kb / 7P
   Using the EnerChip CC in Energy Harvesting Designs
logo
Analog Devices
AN-1039 AD-AN-1039 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
More results

Similar Description - AN-1032

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1032 FAIRCHILD-1032 Datasheet
39Kb / 2P
   Performance Restrictions Associated
AN-1029 FAIRCHILD-AN-1029 Datasheet
258Kb / 13P
   Maximum Power Enhancement Techniques for SO-8 Power MOSFETs
logo
Advanced Power Electron...
AP76T03AGMT-HF A-POWER-AP76T03AGMT-HF_16 Datasheet
64Kb / 5P
   SO-8 Compatible with Heatsink
AP2RA04GMT-HF A-POWER-AP2RA04GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP0503GMT-HF A-POWER-AP0503GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP1RA03GMT-HF A-POWER-AP1RA03GMT-HF_16 Datasheet
53Kb / 5P
   SO-8 Compatible with Heatsink
AP9990GMT-HF A-POWER-AP9990GMT-HF_16 Datasheet
61Kb / 5P
   SO-8 Compatible with Heatsink
AP0704GMT-HF A-POWER-AP0704GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP0504GMT-HF A-POWER-AP0504GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP93T03AGMT-HF A-POWER-AP93T03AGMT-HF_16 Datasheet
68Kb / 5P
   SO-8 Compatible with Heatsink
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com