Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBA100-04J Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SBA100-04J
Description  40V, 10A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBA100-04J Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SBA100-04J Datasheet HTML 1Page - Sanyo Semicon Device SBA100-04J Datasheet HTML 2Page - Sanyo Semicon Device SBA100-04J Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
41098HA (KT)/11895MO (KOTO) AX-7815 No.4573-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Schottky Barrier Diode (Twin Type · Cathode Common)
40V, 10A Rectifier
Ordering number:EN4573
SBA100-04J
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
4V
e
g
a
t
l
o
V
d
r
a
w
r
o
F
VF
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
2
.
0A
m
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
0
2
3F
p
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
c
-
j
(
h
t
RC
D
d
e
h
t
o
o
m
S
:
e
s
a
C
-
n
o
i
t
c
n
u
J
0
.
4
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
4V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
4
4V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
0
1A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
0
0
1A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
VR=10V, Tj=25˚C, *
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics
˚C
˚C
1:Anode
2:Cathode
3:Anode
SANYO:TO-220ML
Package Dimensions
unit:mm
1178A
[SBA100-04J]
Note*:Value per element
Electrical Connection
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage (VF max=0.55V).
· Fast reverse recovery time.
· Low switching noise.
· High reliability due to highly reliable planar
structure.
· Micaless package facilitating easy mounting.
˚C/W
50Hz, resistive load, Tc=93˚C
IR=2mA, Tj=25˚C, *
IF=5A, Tj=25˚C, *
VR=20V, Tj=25˚C, *


Similar Part No. - SBA100-04J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBA100-04Y SANYO-SBA100-04Y Datasheet
84Kb / 3P
   40V, 10A Rectifier
More results

Similar Description - SBA100-04J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBA100-04Y SANYO-SBA100-04Y Datasheet
84Kb / 3P
   40V, 10A Rectifier
logo
KODENSHI_AUK CORP.
SDB1040PH-1 KODENSHI-SDB1040PH-1 Datasheet
294Kb / 5P
   40V, 10A POWER SCHOTTKY RECTIFIER
SDB1040PH KODENSHI-SDB1040PH Datasheet
294Kb / 5P
   40V, 10A POWER SCHOTTKY RECTIFIER
logo
Shindengen Electric Mfg...
SF10SC4 SHINDENGEN-SF10SC4 Datasheet
617Kb / 10P
   Schottky Rectifiers (SBD) (40V 10A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
   Schottky Rectifiers (SBD) (40V 10A)
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
   Schottky Rectifiers (SBD) (40V 10A)
SF10SC4R SHINDENGEN-SF10SC4R Datasheet
553Kb / 10P
   Schottky Rectifiers (SBD) (40V 10A)
D10SC4M SHINDENGEN-D10SC4M Datasheet
695Kb / 11P
   Schottky Rectifiers (SBD) (40V 10A)
logo
Rohm
RQ3G100GN ROHM-RQ3G100GN Datasheet
2Mb / 12P
   Nch 40V 10A Power MOSFET
logo
Shindengen Electric Mfg...
D10SBS4 SHINDENGEN-D10SBS4 Datasheet
684Kb / 11P
   Schottky Rectifiers (SBD) (40V 10A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com