Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM0015-BD Datasheet(PDF) 10 Page - Mimix Broadband

Part # CMM0015-BD
Description  Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0015-BD Datasheet(HTML) 10 Page - Mimix Broadband

Back Button CMM0015-BD_09 Datasheet HTML 2Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 3Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 4Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 5Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 6Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 7Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 8Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 9Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page 10 of 10
2.0-22.0 GHz GaAs MMIC
Power Amplifier
CMM0015-BD
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body
and the environment. For safety, observe the following procedures:
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this product.This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1)
Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b)
support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in
the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical component is any component
of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
ESD - Gallium Arsenide (GaAs) devices are susceptible to electrostatic and mechanical damage. Die are supplied in antistatic
containers, which should be opened in cleanroom conditions at an appropriately grounded anti-static workstation. Devices
need careful handling using correctly designed collets, vacuum pickups or, with care, sharp tweezers.
Die Attachment - GaAs Products from Mimix Broadband are 0.075 mm (0.003") thick and have vias through to the backside to
enable grounding to the circuit. Microstrip substrates should be brought as close to the die as possible. The mounting surface
should be clean and flat. If using conductive epoxy, recommended epoxy is Die Mat DM6030HK or an epoxy with >52 W/m ºK
thermal conductivity cured in a nitrogen atmosphere per manufacturer's cure schedule. Apply epoxy sparingly to avoid
getting any on to the top surface of the die. An epoxy fillet should be visible around the total die periphery. For additional
information please see the Mimix "Epoxy Specifications for Bare Die" application note. If eutectic mounting is preferred, then a
fluxless gold-tin (AuSn) preform, approximately 0.001 thick, placed between the die and the attachment surface should be
used. A die bonder that utilizes a heated collet and provides scrubbing action to ensure total wetting to prevent void
formation in a nitrogen atmosphere is recommended. The gold-tin eutectic (80% Au 20% Sn) has a melting point of
approximately 280 ºC (Note: Gold Germanium should be avoided). The work station temperature should be 310 ºC +/- 10 ºC.
Exposure to these extreme temperatures should be kept to minimum. The collet should be heated, and the die pre-heated to
avoid excessive thermal shock. Avoidance of air bridges and force impact are critical during placement.
Wire Bonding - Windows in the surface passivation above the bond pads are provided to allow wire bonding to the die's gold
bond pads. The recommended wire bonding procedure uses 0.076 mm x 0.013 mm (0.003" x 0.0005") 99.99% pure gold ribbon
with 0.5-2% elongation to minimize RF port bond inductance. Gold 0.025 mm (0.001") diameter wedge or ball bonds are
acceptable for DC Bias connections. Aluminum wire should be avoided. Thermo-compression bonding is recommended
though thermosonic bonding may be used providing the ultrasonic content of the bond is minimized. Bond force, time and
ultrasonics are all critical parameters. Bonds should be made from the bond pads on the die to the package or substrate. All
bonds should be as short as possible.
Part Number for Ordering
Description
CMM0015-BD-000V
RoHS compliant die packed in vacuum release gel packs
PB-CMM0015-BD-0000
CMM0015-BD evaluation module
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2009 - Rev 22-Sep-09
Ordering Information
Caution: ESD Sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
Proper ESD procedures should be followed when handling this device.


Similar Part No. - CMM0015-BD_09

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0015-BD-000V MIMIX-CMM0015-BD-000V Datasheet
203Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - CMM0015-BD_09

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com