Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFX120N25P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFX120N25P
Description  Polar Power MOSFET HiPerFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX120N25P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFX120N25P Datasheet HTML 1Page - IXYS Corporation IXFX120N25P Datasheet HTML 2Page - IXYS Corporation IXFX120N25P Datasheet HTML 3Page - IXYS Corporation IXFX120N25P Datasheet HTML 4Page - IXYS Corporation IXFX120N25P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXFK120N25P
IXFX120N25P
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
45
70
S
C
iss
8700
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
1300
pF
C
rss
240
pF
t
d(on)
30
ns
t
r
33
ns
t
d(off)
130
ns
t
f
33
ns
Q
g(on)
185
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
50
nC
Q
gd
80
nC
R
thJC
0.18
°C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
120
A
I
SM
Repetitive, Pulse Width Limited by T
JM
300
A
V
SD
I
F = 120A, VGS = 0V, Note 1
1.5
V
t
rr
200 nS
Q
RM
0.8
μC
I
RM
8.0
A
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1: Pulse Test, t
≤ 300μs; Duty Cycle, d ≤ 2%.
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 3.3Ω (External)
I
F = 25A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V
Terminals: 1 - Gate
2 - Drain (Collector)
3 - Source (Emitter)
4 - Drain (Collector)
PLUS 247TM (IXFX) Outline
TO-264 (IXFK) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190
.205
A
1
2.29
2.54
.090
.100
A
2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b
1
1.91
2.13
.075
.084
b
2
2.92
3.12
.115
.123
C
0.61
0.80
.024
.031
D
20.80 21.34
.819
.840
E
15.75 16.13
.620
.635
e
5.45 BSC
.215 BSC
L
19.81 20.32
.780
.800
L1
3.81
4.32
.150
.170
Q
5.59
6.20
.220 0.244
R
4.32
4.83
.170
.190


Similar Part No. - IXFX120N25P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX120N25 IXYS-IXFX120N25 Datasheet
98Kb / 2P
   HiPerFET Power MOSFETs
logo
Inchange Semiconductor ...
IXFX120N25 ISC-IXFX120N25 Datasheet
367Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFX120N25P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
   Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
   Polar Power MOSFET HiPerFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
   Polar HiPerFET Power MOSFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
   Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
   Polar HiperFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
   Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN56N90P IXYS-IXFN56N90P Datasheet
120Kb / 4P
   Polar Power MOSFET HiPerFET
IXFK170N20P IXYS-IXFK170N20P Datasheet
149Kb / 5P
   Polar Power MOSFET HiperFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com