Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFS0303-SB Datasheet(PDF) 4 Page - Mimix Broadband

Part # CFS0303-SB
Description  0.1-10.0 GHz Low Noise, Medium Power
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFS0303-SB Datasheet(HTML) 4 Page - Mimix Broadband

  CFS0303-SB_08 Datasheet HTML 1Page - Mimix Broadband CFS0303-SB_08 Datasheet HTML 2Page - Mimix Broadband CFS0303-SB_08 Datasheet HTML 3Page - Mimix Broadband CFS0303-SB_08 Datasheet HTML 4Page - Mimix Broadband CFS0303-SB_08 Datasheet HTML 5Page - Mimix Broadband CFS0303-SB_08 Datasheet HTML 6Page - Mimix Broadband CFS0303-SB_08 Datasheet HTML 7Page - Mimix Broadband CFS0303-SB_08 Datasheet HTML 8Page - Mimix Broadband CFS0303-SB_08 Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
0.1-10.0 GHz Low Noise, Medium Power
pHEMT in a Surface Mount Plastic Package
Page 4 of 17
CFS0303-SB
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2008 - Rev 02-May-08
Typical Performance
Notes:
1. P1dB and OIP3 measurements are performed with passive biasing. Idsq is set with zero RF drive applied. As P1dB is approached, the drain current may
increase or decrease depending on frequency and DC bias point. At lower values of Idsq the device is running in a Class AB mode and current tends to rise
as P1dB is approached. As an example, at a Vds = 3.0V and Idsq = 10 mA, Id increases to 30 mA as P1dB of 16.5 is approached. This rise in current is no
longer present as Idsq approaches 60 mA.
2. Measurements made on a fixed tuned test system set for optimum noise match. Circuit losses have been de-embedded for the actual measurements.
OIP3 and P1dB vs. Bias at 2GHz
0
5
10
15
20
25
30
35
0
10
203040
5060
IDSQ (mA)
4V
3V
2V
OIP3
P1dB
OIP3 and P1dB vs. IDSQ at 1GHz
0
5
10
15
20
25
30
35
0
102030
405060
IDSQ (mA)
4V
3V
2V
OIP3
P1dB
1,2
1,2
?
??
2
NF and Ga vs. Bias at 2GHz
0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
1.4
6
8
10
12
14
16
18
22
20
IDSQ(mA)
2V
3V
4V
Ga
NFmin
0
10
20
30
40
50
60
?
2
NF and Ga vs. Bias at 1GHz
2V
3V
4V
Ga
NFmin
0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
1.4
6
8
10
12
14
16
18
22
20
IDSQ(mA)
0
10
20
30
40
50
60


Similar Part No. - CFS0303-SB_08

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFS0303-SB-0G00 MIMIX-CFS0303-SB-0G00 Datasheet
324Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB-0G00 MIMIX-CFS0303-SB-0G00 Datasheet
418Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB-0G0T MIMIX-CFS0303-SB-0G0T Datasheet
324Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB-0G0T MIMIX-CFS0303-SB-0G0T Datasheet
418Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB MIMIX-CFS0303-SB_07 Datasheet
418Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
More results

Similar Description - CFS0303-SB_08

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFS0103-SB MIMIX-CFS0103-SB_08 Datasheet
244Kb / 8P
   0.1-10.0 GHz Low Noise, Medium Power
CFS0303-SB MIMIX-CFS0303-SB Datasheet
324Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB MIMIX-CFS0303-SB_07 Datasheet
418Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0103-SB MIMIX-CFS0103-SB Datasheet
238Kb / 8P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
logo
HBH Microwave GmbH
HA6006 HBH-HA6006 Datasheet
26Kb / 1P
   10.0 - 13.0 GHz Low Noise Amplifier
logo
Guerrilla RF, Inc.
GRF2004 GUERRILLA-GRF2004 Datasheet
711Kb / 11P
   Broadband Gain Block 0.1 to 10.0 GHz
logo
Qorvo, Inc
QPL9547 QORVO-QPL9547 Datasheet
1Mb / 11P
   0.1 -6 GHz Ultra Low-Noise LNA
June 02, 2020
logo
Analog Devices
HMC862A AD-HMC862A Datasheet
478Kb / 15P
   0.1 GHz to 24 GHz, Low Noise, Programmable Divider
HMC8414 AD-HMC8414 Datasheet
3Mb / 34P
   Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
Rev. 0
logo
SIRENZA MICRODEVICES
SPF-2086TK SIRENZA-SPF-2086TK Datasheet
583Kb / 5P
   Low Noise pHEMT GaAs FET 0.1 - 6 GHz Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com