Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5C-03-B81-Y7C-A3U1V1FN-AM Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 5C-03-B81-Y7C-A3U1V1FN-AM
Description  5mm Snapled
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

5C-03-B81-Y7C-A3U1V1FN-AM Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 5C-03-B81-Y7C-A3U1V1FN-AM Datasheet HTML 5Page - Everlight Electronics Co., Ltd 5C-03-B81-Y7C-A3U1V1FN-AM Datasheet HTML 6Page - Everlight Electronics Co., Ltd 5C-03-B81-Y7C-A3U1V1FN-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd 5C-03-B81-Y7C-A3U1V1FN-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd 5C-03-B81-Y7C-A3U1V1FN-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd 5C-03-B81-Y7C-A3U1V1FN-AM Datasheet HTML 10Page - Everlight Electronics Co., Ltd 5C-03-B81-Y7C-A3U1V1FN-AM Datasheet HTML 11Page - Everlight Electronics Co., Ltd 5C-03-B81-Y7C-A3U1V1FN-AM Datasheet HTML 12Page - Everlight Electronics Co., Ltd 5C-03-B81-Y7C-A3U1V1FN-AM Datasheet HTML 13Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-05-12 18:23:03.0
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
5mm Snapled
5C-03-B81-Y7C-A3U1V1FN-AM
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.:
1
Page:
9 of 13
Device No.:
DPE-0000200
Published date: May.11.-2010
Created by:
Eddie Huang
Moisture Resistant Packing Materials
Tube
Tube Label Explanation
PART NO: Product Number
QTY: Packing Quantity
LOT No: Lot Number
CAT: Rank of (VF)(Note*)(ΦV)
Note: λd/CIE/Color temperature
Note: Tolerances unless mentioned ±2.0mm. Unit = mm
Standard Box
Tube Label Explanation
CPN: Customer’s Product Number
P/N: Product Number
QTY: Packing Quantity
CAT: Rank of (VF)(Note*)(ΦV)
Note: λd/CIE/Color temperature
HUE/REF: Reference
LOT No: Lot Number
Note: Tolerances unless mentioned ±3.0mm. Unit = mm
PART NO:
QTY:
LOT NO:
CAT:
Label area


Similar Description - 5C-03-B81-Y7C-A3U1V1FN-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
5B-03-A91-S7C-DAU1V1JN-AM EVERLIGHT-5B-03-A91-S7C-DAU1V1JN-AM Datasheet
500Kb / 13P
   5mm Snapled
logo
Kingbright Corporation
WP7700C4ZGC KINGBRIGHT-WP7700C4ZGC Datasheet
416Kb / 5P
   SnapLED
WP7701C4VGC-Z KINGBRIGHT-WP7701C4VGC-Z Datasheet
461Kb / 5P
   SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
   SnapLED
WP7700C4VGC-Z KINGBRIGHT-WP7700C4VGC-Z Datasheet
417Kb / 5P
   SnapLED
WP7701C4PBC-Z KINGBRIGHT-WP7701C4PBC-Z Datasheet
423Kb / 5P
   SnapLED
WP7700C4PBC-Z KINGBRIGHT-WP7700C4PBC-Z Datasheet
364Kb / 5P
   SnapLED
WP7701C4SURC-G KINGBRIGHT-WP7701C4SURC-G Datasheet
465Kb / 5P
   SnapLED
WP7701C4SYC-J KINGBRIGHT-WP7701C4SYC-J Datasheet
458Kb / 5P
   SnapLED
WP7701C4SEC-J KINGBRIGHT-WP7701C4SEC-J Datasheet
459Kb / 5P
   SnapLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com