Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FS16VS-9 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. FS16VS-9
Description  HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS16VS-9 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FS16VS-9 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS16VS-9 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS16VS-9 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS16VS-9 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
¡VDSS ................................................................................ 450V
¡rDS (ON) (MAX) .............................................................. 0.45
¡ID ......................................................................................... 16A
450
±30
16
48
150
–55 ~ +150
–55 ~ +150
1.2
V
V
A
A
W
°C
°C
g
FS16VS-9
VDSS
VGSS
ID
IDM
PD
Tch
Tstg
10.5MAX.
1.3
qwe
r
4.5
0
+0.3
–0
1
5
0.8
0.5
wr
q
e
q GATE
w DRAIN
e SOURCE
r DRAIN
OUTLINE DRAWING
Dimensions in mm
VGS = 0V
VDS = 0V
Typical value
Symbol
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
TO-220S
MITSUBISHI Nch POWER MOSFET
FS16VS-9
HIGH-SPEED SWITCHING USE
APPLICATION
SMPS, DC-DC Converter, battery charger, power
supply of printer, copier, HDD, FDD, TV, VCR, per-
sonal computer etc.
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FK14SM-12 HIGH-SPEED SWITCHING USE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FK20KM-6 HIGH-SPEED SWITCHING USE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FS100SMJ-03 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS10KM-9 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS10VS-12 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS14UM-10 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS16VS-6 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS20UM-6 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS2VS-12 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS30KMJ-03 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn