Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH50D18RLDNP-101MC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH50D18RLDNP-101MC
Description  Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH50D18RLDNP-101MC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH50D18RLDNP-101MC Datasheet HTML 1Page - Sumida Corporation CDRH50D18RLDNP-101MC Datasheet HTML 2Page - Sumida Corporation CDRH50D18RLDNP-101MC Datasheet HTML 3Page - Sumida Corporation CDRH50D18RLDNP-101MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH50D18R/LD
CDRH50D18RLDNP-220MC
0
5
10
15
20
25
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
I [A]
Ls
H]
0
10
20
30
40
50
Isat(20℃)
Isat(105℃)
⊿T
⊿T[℃]
CDRH50D18RLDNP-330MC
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
I [A]
Ls
H]
0
10
20
30
40
50
60
70
80
Isat(20℃)
Isat(105℃)
⊿T
⊿T[℃]
CDRH50D18RLDNP-470MC
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
I [A]
Ls
H]
0
10
20
30
40
50
60
Isat(20℃)
Isat(105℃)
⊿T
⊿T[℃]
CDRH50D18RLDNP-680MC
0
10
20
30
40
50
60
70
80
0.00
0.10
0.20
0.30
0.40
0.50
0.60
I [A]
Ls
H]
0
10
20
30
40
50
60
70
80
Isat(20℃)
Isat(105℃)
⊿T
⊿T[℃]
CDRH50D18RLDNP-101MC
0
10
20
30
40
50
60
70
80
90
100
110
120
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.55 0.60
I [A]
Ls
H]
0
10
20
30
40
50
60
Isat(20℃)
Isat(105℃)
⊿T
⊿T[℃]
CDRH50D18RLDNP-151MC
0
20
40
60
80
100
120
140
160
180
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
I [A]
Ls
H]
0
10
20
30
40
50
60
70
80
90
Isat(20℃)
Isat(105℃)
⊿T
⊿T[℃]
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
Tel.+49-8591-937-0
FAX. +49-8591-937-103
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
San Jose
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
Tel.+852-2880-6688
FAX.+852-2565-9600


Similar Part No. - CDRH50D18RLDNP-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH50D18RLDNP-101MC SUMIDA-CDRH50D18RLDNP-101MC Datasheet
144Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH50D18RLDNP-101MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com