Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDPH45D16FHF-6R8M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDPH45D16FHF-6R8M
Description  Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH45D16FHF-6R8M Datasheet(HTML) 2 Page - Sumida Corporation

  CDPH45D16FHF-6R8M Datasheet HTML 1Page - Sumida Corporation CDPH45D16FHF-6R8M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Electrical Characteristics specification.
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDPH45D16F
※. (
) Typical value.
※1. Saturation current: The DC current at which the inductance decreases to 70% of its nominal value.
※2. Temperature rise current: The DC current at which the temperature rise is △t=40℃ (Ta=20℃).
N
M
L
K
J
G
F
E
Stamp
1.45 (1.65)
1.45 (1.80)
138 (110)
6.8
±20%
CDPH45D16FHF-6R8M
2.00 (2.25)
2.00 (2.50)
85 (68)
4.3
±20%
CDPH45D16FHF-4R3M
1.45 (1.65)
1.30 (1.60)
161(129)
10
±20%
CDPH45D16FHF-100M
1.45 (1.65)
1.35 (1.70)
150 (120)
8.2
±20%
CDPH45D16FHF-8R2M
0.90 (1.05)
1.10 (1.40)
341(273)
15
±20%
CDPH45D16FHF-150M
1.05 (1.20)
1.20 (1.55)
233 (186)
12
±20%
CDPH45D16FHF-120M
0.90 (1.00)
0.90 (1.15)
375 (300)
18
±20%
CDPH45D16FHF-180M
0.90 (1.10)
Saturation
Current
(A)
※1
0.90 (1.00)
393 (314)
22
±20%
CDPH45D16FHF-220M
Temperature
Rise Current
(A)
※2
D.C.R. (m
Ω)
Max. (Typ.)
at 20
Inductance
( H)
at 100KHz
Sumida P/N


Similar Part No. - CDPH45D16FHF-6R8M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPH45D16FHF-6R8MC SUMIDA-CDPH45D16FHF-6R8MC Datasheet
224Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDPH45D16FHF-6R8M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com