Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA16-800BX Datasheet(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # BTA16-800BX
Description  16A TRIACs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

BTA16-800BX Datasheet(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  BTA16-800BX Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA16-800BX Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA16-800BX Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA16-800BX Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA16-800BX Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA16-800BX Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - BTA16-800BX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA16-800B STMICROELECTRONICS-BTA16-800B Datasheet
67Kb / 5P
   STANDARD TRIACS
logo
Tiger Electronic Co.,Lt...
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
   16A TRIACS
logo
Comset Semiconductor
BTA16-800B COMSET-BTA16-800B Datasheet
156Kb / 3P
   TRIAC
logo
Kersemi Electronic Co.,...
BTA16-800B KERSEMI-BTA16-800B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
Inchange Semiconductor ...
BTA16-800B ISC-BTA16-800B Datasheet
107Kb / 1P
   With TO-220AB insulated package
More results

Similar Description - BTA16-800BX

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
   16A TRIACS
logo
Unisonic Technologies
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
   16A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT16 JIEJIE-ACJT16 Datasheet
358Kb / 5P
   16A TRIACs
logo
Unisonic Technologies
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
   16A TRIACS
BTB16A UTC-BTB16A Datasheet
162Kb / 4P
   16A TRIACS
BTA16A UTC-BTA16A Datasheet
169Kb / 4P
   16A TRIACS
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
   16A Triacs
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
   16A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST139 JIEJIE-JST139 Datasheet
394Kb / 6P
   16A TRIACs
logo
Tiger Electronic Co.,Lt...
BTB16-600B TGS-BTB16-600B Datasheet
87Kb / 1P
   16A TRIACS
logo
SiPower Inc.
BTA316X SIPOWER-BTA316X Datasheet
1Mb / 7P
   16A Triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com