Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB08-800B Datasheet(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # BTB08-800B
Description  8A TRIACs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

BTB08-800B Datasheet(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  BTB08-800B Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd BTB08-800B Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd BTB08-800B Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd BTB08-800B Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd BTB08-800B Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - BTB08-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB08-800B STMICROELECTRONICS-BTB08-800B Datasheet
189Kb / 4P
   TRIACS
BTB08-800B STMICROELECTRONICS-BTB08-800B Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
logo
Kersemi Electronic Co.,...
BTB08-800B KERSEMI-BTB08-800B Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
STMicroelectronics
BTB08-800BRG STMICROELECTRONICS-BTB08-800BRG Datasheet
129Kb / 11P
   8A TRIACS
BTB08-800BRG STMICROELECTRONICS-BTB08-800BRG Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
More results

Similar Description - BTB08-800B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com