Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF2805B Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # UF2805B
Description  RF Power MOSFET Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

UF2805B Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  UF2805B_11 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. UF2805B_11 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. UF2805B_11 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
RF Power MOSFET Transistor
5W, 100-500 MHz, 28V
Released; RoHS Compliant
20 Jan 11
UF2805B
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
TEST FIXTURE ASSEMBLY
TEST FIXTURE SCHEMATIC


Similar Part No. - UF2805B_11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
UF2805B-20 MA-COM-UF2805B-20 Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
More results

Similar Description - UF2805B_11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DU28200M MA-COM-DU28200M Datasheet
156Kb / 3P
   RF Power MOSFET Transistor
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
   RF Power MOSFET Transistor
DU2860U MA-COM-DU2860U Datasheet
149Kb / 3P
   RF Power MOSFET Transistor
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor
UF2805B-20 MA-COM-UF2805B-20 Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
UF2840G MA-COM-UF2840G_17 Datasheet
663Kb / 4P
   RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_17 Datasheet
731Kb / 4P
   RF Power MOSFET Transistor
UF2820P MA-COM-UF2820P_17 Datasheet
620Kb / 4P
   RF Power MOSFET Transistor
UF2820R MA-COM-UF2820R_17 Datasheet
643Kb / 4P
   RF Power MOSFET Transistor
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor
DU2860T MA-COM-DU2860T Datasheet
161Kb / 3P
   RF Power MOSFET Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com