Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB250-05H Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SB250-05H
Description  50V, 25A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB250-05H Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB250-05H Datasheet HTML 1Page - Sanyo Semicon Device SB250-05H Datasheet HTML 2Page - Sanyo Semicon Device SB250-05H Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
33098HA (KT)/3088TA, TS No.1984-1/3
SB250-05H
Ordering number :EN1984
50V, 25A Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Schottky Barrier Diode (Twin Type · Cathode Common)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
5
–V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
2
.
1
–A
m
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
t
0
9s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
Tc
-
j
h
t
RC
D
d
e
h
t
o
o
m
S
:
e
s
a
C
-
n
o
i
t
c
n
u
J
0
.
1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
5
–V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
5
5
–V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
5
2A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
0
5
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1160
[SB250-05H]
C:Cathode
A:Anode
SANYO:TO-3PB
Note)*:Value per element
Electrical Characteristics
Electrical Connection
˚C
˚C
˚C/W
A:Anode
C:Cathode
IF=2A, Tj=25˚C*, –dIF/dt=10A/µs
IR=–6mA, Tj=25˚C*
IF=12.5A, Tj=25˚C*
VR=–25V, Tj=25˚C*
50Hz, resistive load, Tc=99˚C
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage (VF max=0.55V).
· Fast reverse recovery time (trr max=90ns).
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planar structure.


Similar Part No. - SB250-05H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB250-05R SANYO-SB250-05R Datasheet
80Kb / 3P
   50V, 25A Rectifier
More results

Similar Description - SB250-05H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB250-05R SANYO-SB250-05R Datasheet
80Kb / 3P
   50V, 25A Rectifier
logo
Digitron Semiconductors
MBR2535CTL DIGITRON-MBR2535CTL Datasheet
445Kb / 2P
   25A SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
SBA250-04R SANYO-SBA250-04R Datasheet
82Kb / 3P
   40V, 25A Rectifier
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A Datasheet
49Kb / 3P
   25A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
SB250-09R SANYO-SB250-09R Datasheet
80Kb / 3P
   90V, 25A Rectifier
logo
Taiwan Semiconductor Co...
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
   25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Sanyo Semicon Device
SB250-09 SANYO-SB250-09 Datasheet
79Kb / 3P
   90V, 25A Rectifier
SBA250-09R SANYO-SBA250-09R Datasheet
84Kb / 3P
   90V, 25A Rectifier
SBT250-06JS SANYO-SBT250-06JS Datasheet
55Kb / 3P
   60V, 25A Rectifier
logo
Digitron Semiconductors
MUR2505 DIGITRON-MUR2505 Datasheet
122Kb / 3P
   25A SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com