Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-7350G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-7350G
Description  3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-7350G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-7350G_08 Datasheet HTML 1Page - Optoway Technology Inc SPS-7350G_08 Datasheet HTML 2Page - Optoway Technology Inc SPS-7350G_08 Datasheet HTML 3Page - Optoway Technology Inc SPS-7350G_08 Datasheet HTML 4Page - Optoway Technology Inc SPS-7350G_08 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-7350G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
1
SPS-7350G / SPS-7350BG / SPS-7350AG
(RoHS Compliant)
3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with IEEE 802.3z 1000BASE-XD
l Compliant with Fibre Channel 1x SM-LC-L FC-PI
l AC/AC Coupling according to MSA
l 1550 nm DFB LD Transmitter
l Distance up to 50 km
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-7350G
l -10 to 85oC Operation: SPS-7350BG
l -40 to 85oC Operation: SPS-7350AG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l Gigabit Ethernet Switches and Routers
l Fibre Channel Switch Infrastructure
l XDSL Applications
l Metro Edge Switching
DESCRIPTION
The SPS-7350G series single mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as Gigabit Ethernet
1000BASE-XD and Fibre Channel 1x SM-LC-L FC-PI. It
is with the SFP 20-pin connector to allow hot plug
capability. This module is designed for single mode fiber
and operates at a nominal wavelength of 1550 nm. The
transmitter section uses a multiple quantum well laser
and is a class 1 laser compliant according to International
Safety Standard IEC-60825. The receiver section uses an
integrated InGaAs detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
1000
BASE
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-7350G
1.25
XD
50
1550 DFB
LC SFP
0 to 70
0 to -5
-24
Yes
SPS-7350BG
1.25
XD
50
1550 DFB
LC SFP
-10 to 85
0 to -5
-24
Yes
SPS-7350AG
1.25
XD
50
1550 DFB
LC SFP
-40 to 85
0 to -5
-24
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPS-7350G
SPS-7350BG
SPS-7350AG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPS-7350G
oC / SPS-7350BG
oC / SPS-7350AG
Power Supply Current
ICC (TX+RX)
200
300
mA
Data Rate
100
1250
Mb/s


Similar Part No. - SPS-7350G_08

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7350G OPTOWAY-SPS-7350G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350G_2015 OPTOWAY-SPS-7350G_2015 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-7350G_08

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-73120G OPTOWAY-SPS-73120G Datasheet
148Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73120G OPTOWAY-SPS-73120G_08 Datasheet
147Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73180G OPTOWAY-SPS-73180G Datasheet
146Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73200G OPTOWAY-SPS-73200G Datasheet
146Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350G OPTOWAY-SPS-7350G Datasheet
148Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380G OPTOWAY-SPS-7380G Datasheet
149Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73160G OPTOWAY-SPS-73160G_08 Datasheet
147Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73160G OPTOWAY-SPS-73160G Datasheet
148Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380G OPTOWAY-SPS-7380G_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73120WG OPTOWAY-SPS-73120WG_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com