Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM-3602BG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPM-3602BG
Description  1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-3602BG Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPM-3602BG Datasheet HTML 1Page - Optoway Technology Inc SPM-3602BG Datasheet HTML 2Page - Optoway Technology Inc SPM-3602BG Datasheet HTML 3Page - Optoway Technology Inc SPM-3602BG Datasheet HTML 4Page - Optoway Technology Inc SPM-3602BG Datasheet HTML 5Page - Optoway Technology Inc SPM-3602BG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Optoway
SPM-3602G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
5
PACKAGE DIAGRAM
Units in mm
A) SC SFP
A) LC SFP
Note: Specifications subject to change without notice.


Similar Part No. - SPM-3602BG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-3602BG OPTOWAY-SPM-3602BG Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602BG OPTOWAY-SPM-3602BG Datasheet
177Kb / 6P
   125 Mbps Multi-Mode Single-Fiber SFP Transceiver
More results

Similar Description - SPM-3602BG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-3602G OPTOWAY-SPM-3602G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3702G OPTOWAY-SPM-3702G_08 Datasheet
182Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3702G OPTOWAY-SPM-3702G Datasheet
172Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPB-3610G OPTOWAY-SPB-3610G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
SPB-3610G OPTOWAY-SPB-3610G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
SPB-3710G OPTOWAY-SPB-3710G Datasheet
172Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
BTR-3721G OPTOWAY-BTR-3721G Datasheet
103Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Single-Fiber Transceiver
BTR-3621G OPTOWAY-BTR-3621G Datasheet
103Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber Transceiver
SPM-3702WG OPTOWAY-SPM-3702WG Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-5601G OPTOWAY-SPM-5601G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com