Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM-2100WG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPM-2100WG
Description  3.3V / 850 nm / 10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-2100WG Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPM-2100WG_09 Datasheet HTML 1Page - Optoway Technology Inc SPM-2100WG_09 Datasheet HTML 2Page - Optoway Technology Inc SPM-2100WG_09 Datasheet HTML 3Page - Optoway Technology Inc SPM-2100WG_09 Datasheet HTML 4Page - Optoway Technology Inc SPM-2100WG_09 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
SPM-2100WG
***********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2009/10/1 V3.0
5
REVISION HISTORY
Version
Subject
Release Date
1.0
Initial datasheet
2007/8/1
2.0
Add SPM-2100BWG for -10 to 85
oC operating
2009/3/1
3.0
Add SPM-2100AWG for -40 to 85
oC operating
2009/10/1


Similar Part No. - SPM-2100WG_09

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-2100WG OPTOWAY-SPM-2100WG_15 Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100WG_2015 OPTOWAY-SPM-2100WG_2015 Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
More results

Similar Description - SPM-2100WG_09

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-2100WG OPTOWAY-SPM-2100WG Datasheet
170Kb / 5P
   3.3V / 850 nm / 10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100G OPTOWAY-SPM-2100G Datasheet
169Kb / 5P
   3.3V / 850 nm / 10.3 Gb/s SFP LC Multi-Mode TRANSCEIVER
SPM-2100WG_2015 OPTOWAY-SPM-2100WG_2015 Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100WG OPTOWAY-SPM-2100WG_15 Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-6100WG OPTOWAY-SPM-6100WG_15 Datasheet
257Kb / 10P
   850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-8100WG OPTOWAY-SPM-8100WG Datasheet
145Kb / 4P
   3.3V / 850 nm / 4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-9100FWG OPTOWAY-SPM-9100FWG_08 Datasheet
148Kb / 5P
   3.3V / 850 nm / 2.125 Gbps Digital Diagnostic SFP LC MULTI-MODE TRANSCEIVER
SPM-7101WG OPTOWAY-SPM-7101WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com