Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L11830L-XX-TQ2-D-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L11830L-XX-TQ2-D-R
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L11830L-XX-TQ2-D-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L11830L-XX-TQ2-D-R Datasheet HTML 1Page - Unisonic Technologies L11830L-XX-TQ2-D-R Datasheet HTML 2Page - Unisonic Technologies L11830L-XX-TQ2-D-R Datasheet HTML 3Page - Unisonic Technologies L11830L-XX-TQ2-D-R Datasheet HTML 4Page - Unisonic Technologies L11830L-XX-TQ2-D-R Datasheet HTML 5Page - Unisonic Technologies L11830L-XX-TQ2-D-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L11830
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-536.a
3A LOW DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UTC L11830 belonged to low quiescent current, low
dropout, linear regulators operated from 2.25V to 6V input and are
guaranteed to deliver 3A. Wide range of preset output voltage
options are available. Built-in low on-resistance transistor provides
low dropout voltage and large output current. The UTC L11830 is
designed and optimized for battery-powered systems to work with
low noise.
The UTC L11830 consumes less than 2μA in shutdown mode.
Other features include ultra low dropout voltage, current limiting
protection, thermal shutdown protection and high ripple rejection
ratio.
FEATURES
* 3A Guaranteed Output Current
* low quiescent current: 60μA (typ.)
* 2μA Shutdown Current
* Short Circuit Current Fold-back
* Low Temperature Coefficient
* Current Limiting Protection
* Thermal Shutdown Protection
* Excellent Line/Load Transient
* SENSE Option Improves Load Regulation
ORDERING INFORMATION
Note: Pin Assignment: I:VIN O:VOUT G:GND S: SHDN
A: SENSE
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
12
3
4
5
Packing
L11830L-xx-TQ2-D-R
L11830G-xx-TQ2-D-R
TO-263
I
G O
-
-
Tape Reel
L11830L-xx-TQ2-D-T
L11830G-xx-TQ2-D-T
TO-263
I
G O
-
-
Tube
L11830L-xx-TQ3-A-R
L11830G-xx-TQ3-A-R
TO-263
G O
I
-
-
Tape Reel
L11830L-xx-TQ3-A-T
L11830G-xx-TQ3-A-T
TO-263
G O
I
-
-
Tube
L11830L-xx-TQ5-R
L11830G-xx-TQ5-R
TO-263-5
I
S
G
A
O
Tape Reel
L11830L-xx-TQ5-T
L11830G-xx-TQ5-T
TO-263-5
I
S
G
A
O
Tube


Similar Part No. - L11830L-XX-TQ2-D-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L11830L-XX-TQ2-D-R UTC-L11830L-XX-TQ2-D-R Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - L11830L-XX-TQ2-D-R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com