Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6726 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L6726
Description  UNIVERSAL SPEECH CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6726 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button L6726_08 Datasheet HTML 2Page - Unisonic Technologies L6726_08 Datasheet HTML 3Page - Unisonic Technologies L6726_08 Datasheet HTML 4Page - Unisonic Technologies L6726_08 Datasheet HTML 5Page - Unisonic Technologies L6726_08 Datasheet HTML 6Page - Unisonic Technologies L6726_08 Datasheet HTML 7Page - Unisonic Technologies L6726_08 Datasheet HTML 8Page - Unisonic Technologies L6726_08 Datasheet HTML 9Page - Unisonic Technologies L6726_08 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
L6726
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 13
www.unisonic.com.tw
QW-R108-015,B
FUNCTIONAL DESCRIPTION
The gain of the transmitting and receiving amplifiers are continuously and euqually changed with the line length.
The starting point for the gain regulation is externally set .The gain regulation can be cut-off externally, see table
under gain regulation below.
The outputs of the transmitting and receiving amplifiers have internals limitations of the output amplitudes.
The circuit includes a temperature independent voltage reference used for regulation of the DC line voltage and for
the transmitting and receiving gain regulation. The DC voltage is very fast settled to its final value with a minimum of
overshoot.
The circuit uses a minimum of external components. In a normal practical case only 5 external capacitors of which
only one is an electrolytic/tantalum filter capacitor .The other capacitor are needed as radio interference suppression
capacitor over the line, one capacitor in the side-tone balancing network and one capacitor for low frequency cut-off
in each of the transmitting and receiving amplifiers. The frequency response is except for that, flat for both amplifiers.
The circuit will with external components get a very good return loss behavior both against purely resistive lines as
for instance 600 Ω and against complex networks as 900 Ω in parallel with 30nF.
To get a good CMRR the microphone input is balanced.
It is possible to add a push-button controlled cut-off of the transmitting amplifier to the circuit without any
disturbance of the other circuit functions
A mute input is included in the circuit. It gives:
1. Cut-off the microphone amplifier.
2. Reduced gain in the receiving amplifier.
3. Connection of the DTMF input.
The receiver amplifier is equipped with a high impedance input stage. This gives a less expensive RC-network on
the input.
Only resistive elements are used to set the receiving gain.
A push-pull power stage in the receiving amplifier gives a high output swing.
To get the extended low current and voltage range two resistors have to be connected from microphone input to
ground.
The side-tone balanced can be set by a RC-network without influence on other parameters. An inexpensive
solution requires only one capacitor while more capacitors can give better performance.
In fig.4①②③ and ④ are RC-links with the following functions:
1. For radio interference suppression and to give the correct return loss behavior.
2. To set the gain and frequency response for transmitting.
3. To set the gain and frequency response for receiving.
4. To set the side-tone level
A stabilized DC output, with a pre-set output voltage of 2.35 Volts, is provided to facilitate interfacing to external
COMS dialer ICs. The voltage is adjustable with two resistors, as indicated in figure 5. The output requires some
filtering to avoid distortion on the telephone line. Note that a high current consumption of the external device will
alters the DC characteristics of the speech circuit.
1
2
4
3
+Line
-Line
Mute
AM
Transmitting
cut-off
Figure 4. Block interconnections
AT
AR


Similar Part No. - L6726_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A Datasheet
464Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A Datasheet
992Kb / 35P
   Single phase PWM controller
L6726ATR STMICROELECTRONICS-L6726ATR Datasheet
436Kb / 24P
   Single phase PWM controller
L6726ATR STMICROELECTRONICS-L6726ATR Datasheet
464Kb / 24P
   Single phase PWM controller
More results

Similar Description - L6726_08

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com