Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5100 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L5100
Description  WHITE LED STEP-UP CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5100 Datasheet(HTML) 1 Page - Unisonic Technologies

  L5100_10 Datasheet HTML 1Page - Unisonic Technologies L5100_10 Datasheet HTML 2Page - Unisonic Technologies L5100_10 Datasheet HTML 3Page - Unisonic Technologies L5100_10 Datasheet HTML 4Page - Unisonic Technologies L5100_10 Datasheet HTML 5Page - Unisonic Technologies L5100_10 Datasheet HTML 6Page - Unisonic Technologies L5100_10 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L5100
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2010 Unisonic Technologies Co., LTD
QW-R103-024.C
WHITE LED STEP-UP
CONVERTER
DESCRIPTION
The UTC L5100 is a STEP-UP DC/DC Converter and
designed
for driving white LEDs with a constant current. It can drive several LEDs
in series by a Li-Ion cell. UTC L5100 switches at a high frequency
1.2MHz, so it can allow the use of tiny external components. The output
capacitor can be as small as 0.22μF; saving space and cost compare
with alternative other solutions. The low 95mV feedback voltage
minimizes power loss in the current setting resistor can have better
efficiency.
FEATURES
* Inherently Matched LED Current
* High Efficiency: 83% Typical
* Drives Up to Four LEDs from a 3.2V Supply
* Drives Up to Six LEDs from a 5V Supply
* 36V Rugged Bipolar Switch
* 1.2MHz Switching Frequency
* Uses Tiny 1mm Tall Inductors
* Output Capacitor can be Small to only 0.22μF
ORDERING INFORMATION
Ordering Number
Package
Packing
L5100G-AF5-R
SOT-25
Tape Reel
MARKING


Similar Part No. - L5100_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5100 UTC-L5100_11 Datasheet
299Kb / 7P
   WHITE LED STEP-UP CONVERTER
More results

Similar Description - L5100_10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com