Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA22241L-G09-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # KA22241L-G09-T
Description  DUAL EQUALIZER AMPLIFIER WITH ALC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KA22241L-G09-T Datasheet(HTML) 3 Page - Unisonic Technologies

  KA22241L-G09-T Datasheet HTML 1Page - Unisonic Technologies KA22241L-G09-T Datasheet HTML 2Page - Unisonic Technologies KA22241L-G09-T Datasheet HTML 3Page - Unisonic Technologies KA22241L-G09-T Datasheet HTML 4Page - Unisonic Technologies KA22241L-G09-T Datasheet HTML 5Page - Unisonic Technologies KA22241L-G09-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA22241
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R110-001,C
ABSOLUTE MAXIMUM RATING (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
16
V
SIP-9
550
Power Dissipation
SOP-14
PD
450
mW
Operating Temperature
TOPR
-20 ~ 75
°C
Storage Temperature
TSTG
-20 ~ 125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, VCC=7V, f=1KHZ, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Noise Voltage
VIN
RG=2.2KΩ
BW(-3dB)=20HZ~20KHZ
1.0
2.0
μV
Output Voltage
VOUT
THD=1%
0.6
1.2
V
Quiescent Circuit Current
ICCQ
VIN=0
1.5
3.5
4.5
mA
Open Loop Voltage Gain
GVO
VOUT=0.3V
70
80
dB
Closed Loop Voltage Gain
GVC
VOUT=0.3V
45
48
50
dB
ALC Range
ΔVALC
RO=3.9KΩ, THD=10%
40
45
dB
ALC Balance
CBALC
VIN=1mV
0
2.5
dB
Total Harmonic Distortion
THD
VOUT=0.3V
0.1
0.3
%
Input Resistance
RIN
15
25
45
k
Ω


Similar Part No. - KA22241L-G09-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
KA22241 UTC-KA22241 Datasheet
37Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Wing Shing Computer Com...
KA22241 WINGS-KA22241 Datasheet
137Kb / 6P
   DUAL EQ AMP WITH ALC
logo
Samsung semiconductor
KA22241C SAMSUNG-KA22241C Datasheet
142Kb / 6P
   DUAL EQ AMP WITH ALC
More results

Similar Description - KA22241L-G09-T

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD22241 YOUDA-YD22241 Datasheet
83Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Unisonic Technologies
UTCKA22241 UTC-UTCKA22241 Datasheet
37Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Wuxi Youda electronics ...
YD3308F YOUDA-YD3308F Datasheet
77Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
List of Unclassifed Man...
KA2224 ETC-KA2224 Datasheet
155Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Samsung semiconductor
KA7226 SAMSUNG-KA7226 Datasheet
285Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
KA2220 SAMSUNG-KA2220 Datasheet
164Kb / 5P
   EQUALIZER AMPLIFIER WITH ALC
logo
Sanyo Semicon Device
LA3210 SANYO-LA3210 Datasheet
152Kb / 5P
   Equalizer Amplifier With ALC
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
   Dual equalizer amplifier with a built-in ALC circuit
logo
Sanyo Semicon Device
LA3220 SANYO-LA3220 Datasheet
277Kb / 8P
   2-Channel Equalizer Ampe With ALC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com