Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-3355AR-XTS Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # DL-3355AR-XTS
Description  Uncooled 1310 nm MQW-DFB LD for CATV return path application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-3355AR-XTS Datasheet(HTML) 1 Page - Optoway Technology Inc

  DL-3355AR-XTS Datasheet HTML 1Page - Optoway Technology Inc DL-3355AR-XTS Datasheet HTML 2Page - Optoway Technology Inc DL-3355AR-XTS Datasheet HTML 3Page - Optoway Technology Inc DL-3355AR-XTS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
DL-33X8AR
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2008 V1.0
DL-33X8AR Series
Uncooled 1310 nm MQW-DFB LD for CATV return path application
****************************************************************************************************************************************************************
DESCRIPTION
DL-33X8AR series are designed for coupling a single mode optical fiber with 1310 nm MQW-DFB
uncooled laser diode. DL-33X8AR series are the best kits as light source for CATV return path application.
FEATURES
l
1310 nm Uncooled DFB Laser Diode with MOW Structure
l
High Reliability, Long Operation Life
l
Single Frequency Operation with High SMSR
l
-20 to 85℃ operation without active cooling
l
Built-in InGaAs monitor photodiode
l
Low Inter-modulation Distortion
l
Built-in Isolator
CHARACTERISTICS
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC = 25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW, Room Temperature
CW, Over Temperature
10
15
45
mA
mA
Iop
Operation Current
CW, Room Temperature
CW, Over Temperature
45
100
mA
mA
Vop
Operating Voltage
CW, IF=Iop
1.2
1.5
V
Pf
Optical Output Power
Part No.:DL-3338AR
DL-3348AR
DL-3358AR
CW, IF=Iop
2.0
3.0
4.0
mW
mW
mW
λc
Central Wavelength
CW, IF=Iop
1290
1310
1330
nm
SMSR
Side Mode Suppression Ratio
CW, IF=Iop
30
35
nm
ΔPf/ Pf Tracking Error
APC, -20~85 ℃
-1
1
dB
Im
PD monitor Current
CW, IF=Iop, VRD=1V
100
1500
μA
ID
PD Dark Current
VRD=5V
0.1
μA
Ct
PD Capacitance
VRD=5V, f=1 MHz
10
15
pF
IMD2
Second-Order Intermodulation
(*1)
-50
dBc
IMD3
Third-Order Intermodulation
(*1)
-55
dBc
CNR
Carrier to Noise Ratio
(*2)
51
dB
BF
Bandpass Flatness
Peak to Valley, 5~300 MHz
1.0
dB
RIN
Relative Intensity Noise
f=5~300 MHz
-145
dB/Hz
Iso
Optical Isolation
λ=1310 nm
30
dB
Note: *1. 20 Km fiber loss, 2-tone (13 MHz and 19 MHz), OMI=0.1 for each RF Channel.
*2. 1-tone with OMI=0.2, through 20 km fiber


Similar Part No. - DL-3355AR-XTS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3355AC-HFAS OPTOWAY-DL-3355AC-HFAS Datasheet
93Kb / 4P
   Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application
DL-3355AC-HFS OPTOWAY-DL-3355AC-HFS Datasheet
93Kb / 4P
   Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application
DL-3355AC-HLAS OPTOWAY-DL-3355AC-HLAS Datasheet
93Kb / 4P
   Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application
DL-3355AC-HLS OPTOWAY-DL-3355AC-HLS Datasheet
93Kb / 4P
   Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application
DL-3355AC-HSAS OPTOWAY-DL-3355AC-HSAS Datasheet
93Kb / 4P
   Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application
More results

Similar Description - DL-3355AR-XTS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CATV return path application
FL-3338AR OPTOWAY-FL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-FP LD for CATV return path application
DL-53X8AR-CXX0 OPTOWAY-DL-53X8AR-CXX0 Datasheet
93Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
DL-5338AR-CXX0 OPTOWAY-DL-5338AR-CXX0 Datasheet
88Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
DL-33X8AW OPTOWAY-DL-33X8AW Datasheet
93Kb / 4P
   Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application
DL-3338AC OPTOWAY-DL-3338AC Datasheet
91Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CDMA wireless communication
DL-3500 OPTOWAY-DL-3500 Datasheet
133Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3340 OPTOWAY-DL-3340 Datasheet
94Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3500 OPTOWAY-DL-3500_09 Datasheet
93Kb / 5P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3300 OPTOWAY-DL-3300_09 Datasheet
81Kb / 4P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com