Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SB160-09R Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. SB160-09R
Description  90V, 16A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

SB160-09R Datasheet(HTML) 3 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB160-09R
PS No.2500-3/3
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of March, 1998. Specifications and information herein are subject to
change without notice.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SB160-0990V 16A Rectifier 1 2 3 Sanyo Semicon Device
SBA160-09R90V 16A Rectifier 1 2 3 Sanyo Semicon Device
HER1601G16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER 1 2 3 Won-Top Electronics
SB160-05R50V 16A Rectifier 1 2 3 Sanyo Semicon Device
SBG1630CT16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 Diodes Incorporated
SB200-0990V 20A Rectifier 1 2 3 Sanyo Semicon Device
SBA50-09Y90V 5A Rectifier 1 2 3 Sanyo Semicon Device
HER1601PT16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER 1 2 3 Won-Top Electronics
SBL163016A SCHOTTKY BARRIER RECTIFIER 1 2 Diodes Incorporated
HER160116A HIGH EFFICIENCY RECTIFIER 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn