Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB16-04LHP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SB16-04LHP
Description  Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB16-04LHP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB16-04LHP Datasheet HTML 1Page - Sanyo Semicon Device SB16-04LHP Datasheet HTML 2Page - Sanyo Semicon Device SB16-04LHP Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB16-04LHP
Ordering number : EN5538A
Rectifier
Schottky Barrier Diode
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Features
⋅ Meets the requirements for automatic mounter and
permits SB16-04LHP-applied sets to be made compact.
⋅ Low forward voltage (VF max = 0.55 V).
⋅ Average rectified current : Io = 1.6 A.
Absolute Maximum Ratings at Ta = 25 ˚C
Package Dimensions
unit: mm
1275
[SB16-04LHP]
Parameter
Symbol
Conditions
Ratings
Unit
Peak Reverse Voltage
VRM
40
V
Non-repetitive Peak Reveres Surge Voltage
VRSM
45
V
Average Rectified Current
Io
50 Hz sine wave, mounted on an alumina board
Load resistor, mounted on a PCB
50 Hz sine wave, nonrepetitive, 1 cycle peak value
1.6
A
1.3
A
Surge Current
Junction Temperature
Storage Temperature
IFSM
Tj
Tstg
60
125
–55 to +125
A
˚C
˚C
Electrical Characteristics Ta = 25 ˚C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Forward Voltage
VF
IF=1.6 A
VR=VRM
VR=10 V, f=1 MHz
Junction-Lead
Junction-Ambient Mounted on an alumina board
Mounted on a PCB
0.55
V
Reverse Current
Interterminal Capacitance
Thermal Resistance
IR
C
θj-l
θj-a
150
2.5
24
90
120
mA
pF
˚C/W
˚C/W
˚C/W
63097GI(KOTO) No.5538-1/3
Cathode mark


Similar Part No. - SB16-04LHP

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SB16-100A-SMD SEME-LAB-SB16-100A-SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
SB16-100A-SMD SEME-LAB-SB16-100A-SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS
SB16-100AM SEME-LAB-SB16-100AM Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-100M SEME-LAB-SB16-100M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-100M-SMD SEME-LAB-SB16-100M-SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
More results

Similar Description - SB16-04LHP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
   Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
   RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
   RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
   RECTIFIER
RH0141 SSDI-RH0141_15 Datasheet
213Kb / 2P
   RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
   RECTIFIER
RH0127 SSDI-RH0127 Datasheet
195Kb / 2P
   RECTIFIER
RH0139 SSDI-RH0139 Datasheet
224Kb / 2P
   RECTIFIER
RH0163E SSDI-RH0163E Datasheet
197Kb / 2P
   RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
   RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
   Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com