Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC846 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BC846
Description  SWITCHING AND AMPLIFIER APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC846 Datasheet(HTML) 3 Page - Unisonic Technologies

  BC846_10 Datasheet HTML 1Page - Unisonic Technologies BC846_10 Datasheet HTML 2Page - Unisonic Technologies BC846_10 Datasheet HTML 3Page - Unisonic Technologies BC846_10 Datasheet HTML 4Page - Unisonic Technologies BC846_10 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC846-BC850
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R206-027,F
ABSOLUTE MAXIMUM RATING (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNIT
BC846
80
V
BC847 / BC850
50
V
Collector-Base Voltage
BC848 / BC849
VCBO
30
V
BC846
65
V
BC847 / BC850
45
V
Collector-Emitter Voltage
BC848 / BC849
VCEO
30
V
BC846 / BC847
6
V
Emitter-Base Voltage
BC848 / BC849 / BC850
VEBO
5
V
Collector Current (DC)
Ic
100
mA
SOT-23
310
mW
SOT-323
200
mW
Collector Dissipation
SOT-523
PD
150
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Cut-Off Current
ICBO
VCB=30V, IE=0
15
nA
DC Current Gain
hFE
VCE=5.0V, Ic=2.0mA
110
800
Ic=10mA,IB=0.5mA
90
250
mV
Collector-Emitter Saturation Voltage
VCE(SAT)
Ic=100mA,IB=5.0mA
200
600
mV
Ic=10mA,IB=0.5mA
700
mV
Collector-Base Saturation Voltage
VBE(SAT)
Ic=100mA,IB=5.0mA
900
mV
VCE=5.0V,Ic=2.0mA
580
660
700
mV
Base-Emitter On Voltage
VBE(ON)
VCE=5.0V,Ic=10mA
720
mV
Current Gain Bandwidth Product
fT
VCE=5.0V,Ic=10mA
f=100MHz
300
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1.0MHz
3.5
6
pF
Input Capacitance
Cib
VEB=0.5V, IC=0, f=1.0MHz
9
pF
BC846/BC847/BC848
2
10
dB
BC849/BC850
VCE=5V, Ic=200μA,
f=1KHz, RG=2KΩ
1.2
4
dB
BC849
1.4
4
dB
Noise Figure
BC850
NF
VCE=5V, IC=200μA,
RG=2KΩ, f=30~15000Hz
1.4
3
dB
CLASSIFICATION OF hFE
RANK
A
B
C
RANGE
110-220
200-450
420-800


Similar Part No. - BC846_10

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC846 DIOTEC-BC846_11 Datasheet
98Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Unisonic Technologies
BC846 UTC-BC846_11 Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
logo
Fairchild Semiconductor
BC846 FAIRCHILD-BC846_11 Datasheet
142Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
Galaxy Semi-Conductor H...
BC846 BILIN-BC846_14 Datasheet
220Kb / 6P
   NPN general purpose Transistor
logo
Guangdong Kexin Industr...
BC846 KEXIN-BC846_15 Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - BC846_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
   Switching and Amplifier Applications
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com