Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88309BLEYTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88309BLEYTR
Description  3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Signal-Detect Range
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88309BLEYTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88309BLEYTR Datasheet HTML 1Page - Micrel Semiconductor SY88309BLEYTR Datasheet HTML 2Page - Micrel Semiconductor SY88309BLEYTR Datasheet HTML 3Page - Micrel Semiconductor SY88309BLEYTR Datasheet HTML 4Page - Micrel Semiconductor SY88309BLEYTR Datasheet HTML 5Page - Micrel Semiconductor SY88309BLEYTR Datasheet HTML 6Page - Micrel Semiconductor SY88309BLEYTR Datasheet HTML 7Page - Micrel Semiconductor SY88309BLEYTR Datasheet HTML 8Page - Micrel Semiconductor SY88309BLEYTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
SY88309BL
November 2007
5
M9999-111507-C
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.0V to 3.6V; RL = 50Ω to VCC-2V; TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = +25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tr, tf
Output Rise/Fall Time
(20% to 80%)
Note 4
150
ps
tJITTER
Deterministic
Random
Note 5
Note 6
15
5
psPP
psRMS
VID
Differential Input Voltage Swing
Figure 1
5
1800
mVPP
VOD
Differential Output Voltage Swing
VID > 12mVPP, Figure 1
1500
mVPP
TOFF
SD Assert Time
2
10
µs
TON
SD De-assert Time
2
10
µs
SDAL
Low SD Assert Level
RSDLVL = 15kΩ, Note 8
27
mVPP
SDDL
Low SD De-assert Level
RSDLVL = 15kΩ, Note 8
18
mVPP
HYSL
Low SD/LOS Hysteresis
RSDLVL = 15kΩ, Note 7
3.4
dB
SDAM
Medium SD Assert Level
RSDLVL = 5kΩ, Note 8
53
80
mVPP
SDDM
Medium SD De-assert Level
RSDLVL = 5kΩ, Note 8
21
36
mVPP
HYSM
Medium SD/LOS Hysteresis
RSDLVL = 5kΩ, Note 7
2
3.5
6
dB
SDAH
High SD Assert Level
RSDLVL = 100Ω, Note 8
137
200
mVPP
SDDH
High SD De-assert Level
RSDLVL = 100Ω, Note 8
70
94
mVPP
HYSH
High SD/LOS Hysteresis
RSDLVL = 100Ω, Note 7
2
3.5
6
dB
B-3dB
3dB Bandwidth
1.8
GHz
AV(Diff)
Differential Voltage Gain
42
dB
S21
Single-ended Small-Signal Gain
30
36
dB
Notes:
4. Amplifier in limiting mode. Input is a 200MHz, 100mVpp square wave.
5. Deterministic jitter measured using 3.2Gbps K28.5 pattern, VID = 10mVPP.
6. Random jitter measured using 3.2Gbps K28.7 pattern, VID = 10mVPP.
7. This specification defines electrical hysteresis as 20log (LOS De-assert/LOS Assert). The ratio between optical hysteresis and electrical
hysteresis is found to vary between 1.5 and 2, depending upon the level of received optical power and ROSA characteristics. Based upon that
ratio, the optical hysteresis corresponding to the electrical hysteresis range 2dB-6dB, shown in the AC characteristics table, will be 1dB-3dB
Optical Hysteresis.
8. See “Typical Operating Characteristics” for a graph showing how to choose a particular RSDLVL for a particular SD assert and its associated de-
assert amplitude.


Similar Part No. - SY88309BLEYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
logo
Microchip Technology
SY88303BL MICROCHIP-SY88303BL Datasheet
947Kb / 19P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
09/14/21
logo
Micrel Semiconductor
SY88303BLEY MICREL-SY88303BLEY Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88303BLEYTR MICREL-SY88303BLEYTR Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88303BLMG MICREL-SY88303BLMG Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results

Similar Description - SY88309BLEYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88307BL MICREL-SY88307BL Datasheet
376Kb / 11P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88315BL MICREL-SY88315BL Datasheet
397Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/TTL Signal Detect
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com